Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6416PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6416PWR
Description  LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6416PWR Datasheet(HTML) 3 Page - Texas Instruments

  TCA6416PWR Datasheet HTML 1Page - Texas Instruments TCA6416PWR Datasheet HTML 2Page - Texas Instruments TCA6416PWR Datasheet HTML 3Page - Texas Instruments TCA6416PWR Datasheet HTML 4Page - Texas Instruments TCA6416PWR Datasheet HTML 5Page - Texas Instruments TCA6416PWR Datasheet HTML 6Page - Texas Instruments TCA6416PWR Datasheet HTML 7Page - Texas Instruments TCA6416PWR Datasheet HTML 8Page - Texas Instruments TCA6416PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
TCA6416
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS153 – DECEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
NO.
DESCRIPTION
NAME
TSSOP
QFN
BGA
(PW)
(RTW)
(ZQS)
1
22
A3
INT
Interrupt output. Connect to VCCI or VCCP through a pullup resistor.
Supply voltage of I2C bus. Connect directly to the VCC of the external I
2C master. Provides
2
23
B3
VCCI
voltage-level translation.
Active-low reset input. Connect to VCCP through a pullup resistor, if no active connection is
3
24
A2
RESET
used.
4
1
A1
P00
P-port input/output (push-pull design structure). At power on, P00 is configured as an input.
5
2
C3
P01
P-port input/output (push-pull design structure). At power on, P01 is configured as an input.
6
3
B1
P02
P-port input/output (push-pull design structure). At power on, P02 is configured as an input.
7
4
C1
P03
P-port input/output (push-pull design structure). At power on, P03 is configured as an input.
8
5
C2
P04
P-port input/output (push-pull design structure). At power on, P04 is configured as an input.
9
6
D1
P05
P-port input/output (push-pull design structure). At power on, P05 is configured as an input.
10
7
E1
P06
P-port input/output (push-pull design structure). At power on, P06 is configured as an input.
11
8
D2
P07
P-port input/output (push-pull design structure). At power on, P07 is configured as an input.
12
9
E2
GND
Ground
13
10
E3
P10
P-port input/output (push-pull design structure). At power on, P10 is configured as an input.
14
11
E4
P11
P-port input/output (push-pull design structure). At power on, P11 is configured as an input.
15
12
D3
P12
P-port input/output (push-pull design structure). At power on, P12 is configured as an input.
16
13
E5
P13
P-port input/output (push-pull design structure). At power on, P13 is configured as an input.
17
14
D4
P14
P-port input/output (push-pull design structure). At power on, P14 is configured as an input.
18
15
D5
P15
P-port input/output (push-pull design structure). At power on, P15 is configured as an input.
19
16
C5
P16
P-port input/output (push-pull design structure). At power on, P16 is configured as an input.
20
17
C4
P17
P-port input/output (push-pull design structure). At power on, P17 is configured as an input.
21
18
B5
ADDR
Address input. Connect directly to VCCP or ground.
22
19
A5
SCL
Serial clock bus. Connect to VCCI through a pullup resistor.
23
20
A4
SDA
Serial data bus. Connect to VCCI through a pullup resistor.
24
21
B4
VCCP
Supply voltage of TCA6416 for P port
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TCA6416


Similar Part No. - TCA6416PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416PWR TI-TCA6416PWR Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416PWRG4 TI-TCA6416PWRG4 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6416PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com