Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNS5A-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNS5A-5
Description  Non-isolated DC/DC POL converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SNS5A-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNS5A-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNS5A-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNS5A
Non-isolated DC/DC POL converter
SPECIAL FEATURES
39 www.powerplaza.com
ELECTRICAL SPECIFICATIONS
Total output current
Input voltages
#of outputs
5 A
5V, 12V
Single output
・Delivers 5A of output Current
・High efficiency
・Low Output Ripple & Noise
・Small size and low profile
22.86mm×13.97mm×8.64mm (SIP package)
・Cost-efficient open frame design
・Single - in - line (SIP) & SMT package
・Remote ON/OFF
・Trimmable output voltage via external resistor
・Output Over current protection
・Over temperature protection
・Wide Operating temperature range
-40℃~85℃
* Ripple & noise is tested / specif ied over a 20MHz bandwidth and may be reduced with external f iltering.
SNS 5A - 5 SIP Packages
SNS 5A - 12 SIP Packages
・Efficiency
94% @ 3.3V
・Input voltage range
3.0V - 5.5V
・Output voltage
1.0V - 3.3V
・Voltage tolerance
±2.0%
・Line regulation
±0.3%
・Load regulation
±0.4%
・Switching frequency
300KHz
・*Ripple & noise
30mVp-p (@3.3V)
・MTBF (MIL-HDBK-217F)
1.5×10 hrs
6
・Efficiency
93% @ 5.0V
・Input voltage range
10.0V - 14.0V
・Output voltage
1.0V - 5.0V
・Voltage tolerance
±2.0%
・Line regulation
±0.3%
・Load regulation
±0.4%
・Switching frequency
300KHz
・*Ripple & noise
50mVp-p (@5V)
・MTBF( MIL-HDBK-217F)
1.5×10 hrs
6


Similar Part No. - SNS5A-5

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SNS50F-C PANDUIT-SNS50F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
More results

Similar Description - SNS5A-5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Bellnix Co.,Ltd.
BSV-H BELLNIX-BSV-H Datasheet
553Kb / 14P
   High-Speed Response Non-Isolated POL DC-DC Converter
BSV BELLNIX-BSV Datasheet
585Kb / 12P
   High-Speed Response Non-Isolated POL DC-DC Converter
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Bellnix Co.,Ltd.
BSV-M BELLNIX-BSV-M Datasheet
678Kb / 13P
   High-Speed Response Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU-1.8S3R0 BELLNIX-BSU-1.8S3R0 Datasheet
1Mb / 20P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com