Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT818B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STT818B
Description  High gain low voltage PNP power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818B Datasheet(HTML) 3 Page - STMicroelectronics

  STT818B_07 Datasheet HTML 1Page - STMicroelectronics STT818B_07 Datasheet HTML 2Page - STMicroelectronics STT818B_07 Datasheet HTML 3Page - STMicroelectronics STT818B_07 Datasheet HTML 4Page - STMicroelectronics STT818B_07 Datasheet HTML 5Page - STMicroelectronics STT818B_07 Datasheet HTML 6Page - STMicroelectronics STT818B_07 Datasheet HTML 7Page - STMicroelectronics STT818B_07 Datasheet HTML 8Page - STMicroelectronics STT818B_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STT818B
Electrical ratings
3/10
1
Electrical ratings
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
-30
V
VCEO
Collector-emitter voltage (IB = 0)
-30
V
VEBO
Emitter-base voltage (IC = 0)
-5
V
IC
Collector current
-3
A
ICM
Collector peak current (tP < 5ms)
-6
A
IB
Base current
-0.2
A
IBM
Base peak current (tP < 5ms)
-0.5
A
Ptot
Total dissipation at Tamb = 25°C
1.2
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-amb
(1)
1.
Package mounted on FR4 pcb 25mm x 25mm.
Thermal resistance junction-ambient
max
104.2
°C/W


Similar Part No. - STT818B_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
More results

Similar Description - STT818B_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
   High gain Low Voltage PNP power transistor
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
   High Gain Low Voltage PNP Power Transistor
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
2STX2220 STMICROELECTRONICS-2STX2220 Datasheet
235Kb / 11P
   High Gain Low Voltage PNP Power Transistor
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
   Low voltage high performance PNP power transistor
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
   25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
   15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com