Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CFS33XX Datasheet(PDF) 1 Page - Crystek Corporation

Part No. CFS33XX
Description  Clock Oscillator With Standby Mode 9x14 mm SMD, 3.3V, CMOS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CRYSTEKCRYSTAL [Crystek Corporation]
Homepage  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CFS33XX Datasheet(HTML) 1 Page - Crystek Corporation

  CFS33XX Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-102703 Rev.C
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 4
pin 2
pin 3
Bypass
Cap.
O/P Load
incl Probe Cl
OUT
Oscillator
Stopped
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
0.01uF Bypass Capacitor Recommended
Specifications subject to change without notice.
The CFS33xx Series utilizes
fundamental and 3rd overtone
crystal technology to provide
a low jitter output frequency.
The oscillator is equipped with
power saving standby feature
for battery and other low drain
applications. Available on
tape and reel in quantities of
500ea.
Crystek Part Number Guide
Example: CFS3392-44.736MHZ
Example: CFSM3392-44.736MHZ
Example: CFSE3392-44.736MHZ
Frequency Stability
+/- 100ppm
+/- 50ppm
+/- 25ppm
+/- 20ppm
Temperature
CFSM3390
CFSM3392
CFSM3391
N/A
CFSE3390
CFSE3392
CFSE3391
N/A
-20/ 70°C
-40/ 85°C
0/ 70°C
CFS3390
CFS3392
CFS3391
CFS3398
9x14 mm SMD,
3.3V, CMOS
CFS33xx Model
Function pin 1
Oscillator State
Open
"1" level .7Vdd Min
"0" level 0.3Vdd Max
Oscillator Active
Oscillator Active
Oscillator Stopped
Standby Function
1.544MHz to 156.250MHz
±20ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
18mA Max
25mA Max
30mA Max
45mA Max
3uA Typ., 10uA Max
CMOS
45/55% Max @ 50% Vdd
5ns Max @ 20/% to 80%
4ns Max @ 20/% to 80%
3ns Max @ 20/% to 80%
2.5ns Max @ 20/% to 80%
2ns Max @ 20/% to 80%
"0" = 10% Vdd Max
"1" = 90% Vdd Min
5ms Max
30pF Max, >80MHz 15pF Max
0.5ps Typ, 1ps Max
<3ppm 1st/yr, <1ppm every year thereafter
Frequency Range:
Frequency Stability:
Temperature Range:
(Option M)
(Option E)
Storage:
Input Voltage:
Input Current:
1.544~34.00MHz
35.00~50.00MHz
51.00~69.00MHz
70.00~156.25 MHz
Standby Current
Output:
Symmetry:
Rise/Fall Time:
1.54~10.00 MHz
10.10~30.00 MHz
30.10~50.00 MHz
50.10~80.00 MHz
80.10~156.25 MHz
Logic:
Start-up Time:
Load:
Jitter RMS: 12KHz~80MHz
Aging:
Clock Oscillator
With Standby Mode
Standby Feature: When pin 1 is disabled by applying a logic
"0", the output buffer of the oscillator goes into tri-state (high
impedance). In addition, the internal oscillator is stopped,
hence the entire oscillator consumes less than 10uA from
the supply pin.
0.360
(9.14)
0.560
(14.2)
C P/N DC
Frequency
0.210
(5.3)
0.560
(14.2)
0.200
(5.08)
0.040
(1.01)
0.070
(1.77)
1
3
4
2
0.280
(7.11)
0.050
(1.27)
0.200
(5.08)
0.090
(2.28)
SUGGESTED PAD LAYOUT
Bottom View
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn