Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CCPD-940 Datasheet(PDF) 1 Page - Crystek Corporation

Part No. CCPD-940
Description  Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CRYSTEKCRYSTAL [Crystek Corporation]
Homepage  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-940 Datasheet(HTML) 1 Page - Crystek Corporation

  CCPD-940 Datasheet HTML 1Page - Crystek Corporation CCPD-940 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Differential LVPECL XO
Specifications subject to change without notice.
Applications:
10 Gigabit Ethernet
OC48: Forward Error Correction
Broadband Networks
SONET/SDH/DWD
ATM
Network/switch
Telecom
Designed using FR5 PCB & HFF crystal technology to
provide a Low Noise, Low Jitter Voltage Controlled
Crystal Oscillator solution at a competitive price.
9X14 mm SMD,
3.3V, LVPECL
CCPD-940 Model
77.760MHz to 212.500MHz
±20,±25±50±100
0°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
88mA Max
Differential LVPECL
49/51% Typ, 45/55% Max
550ps Max @ 20% to 80% Vcc
± 10% Max
into 50 ohms
Vcc-0.96V Min, Vcc-0.81V Max
Vcc-1.85V Min, Vcc-1.65V Max
100ns Max
2ms Typ., 10ms Max
>10KHz @ -3dB
none
<5ps RMS (1-sigma) Max
<1ps RMS (1-sigma) Max,
<1ps RMS (1-sigma) Max,
-80 dBc/Hz
-108 dBc/Hz
-132 dBc/Hz
-140 dBc/Hz
<3ppm 1st/yr, <1ppm every year thereafter
Frequency Range:
Stability vs. Temperature:
Temperature Range:
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Linearity:
Load: Terminated to Vdd-2V
Logic "1" Level:
Logic "0" Level:
Disable Time:
Start-up time:
Modulation BW:
Sub-harmonics:
Period Jitter: (20,000 periods)
Phase Jitter:
12KHz~20MHz
50KHz~80MHz
Phase Noise Max:
100Hz
1KHz
10KHz
100KHz
Aging:
TD-040901 Rev. B
Page 1 of 2
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn