Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

900A68J061GN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 900A68J061GN
Description  CARTRIDGE TYPE LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

900A68J061GN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  900A68J061GN Datasheet HTML 1Page - List of Unclassifed Manufacturers 900A68J061GN Datasheet HTML 2Page - List of Unclassifed Manufacturers 900A68J061GN Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lighting Components & Design, Inc.®
· 692S.MilitaryTrail,DeerfieldBch.,FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
Littelites
LL-4
.01
.04
.003
.03
.04
.13
.60
.03
.55
.40
.006
.08
.10
.50
.30
.03
.08
.15
.34
.15
.30
Overview
The 900 Series incandescent cartridge lamp mates with
910 Series lampholders. Constructed with an aluminum
case, 900 Series incandescent lamps are noted for high
brightness. These may be ordered with multiple lens
styles and lens colors.
Approvals
UL Recognized and CSA Certified.
Specifications
Sleeve: Aluminum. Clear anodized finish standard; black
anodized finish optional.
Termination: .040" diameter stainless steel pins mounted
in a nylon header.
Incandescent AC or DC Voltage options: 1.35 to 28 volts.
Lens: Heat resistant, high strength polycarbonate.
Translucent lens colors are normally used for
incandescent cartridge lamps as they give an evenly
diffused light over the lens surface. When Type 08 (short
cylindrical) lens is used in the 910 Series holder with a
screw-on lens cap, specify "colorless nondiffusing" for
08 lens color.
Lens Marking: Cylindrical lenses may be stamped.
Contact factory.
900 SERIES CARTRIDGE TYPE
Incandescent Lamps
TYPE 04
LONG CYLINDRICAL
LENS
1.328 MAX.
.453
±.015
.203
±.015
1.140 MAX.
.265
.203
±.015
.968 MAX.
.093
±.015
.330
±.010
±.005
.284
.020 ± .005
±.015
1.140 MAX.
.265
.203
±.015
±.015
±.015
1.328 MAX.
.453
.203
±.015
TYPE 01
LONG STOVEPIPE LENS
TYPE 08
SHORT CYLINDRICAL LENS
TYPE 07
SHORT CYLINDRICAL
FLUTED LENS
TYPE 02
FLAT LENS
TYPE 06
SHORT STOVEPIPE LENS
Series
Number
Termination
Lamp
Resistor
Lens Type
Sleeve Finish
Lens Color
ORDERING INFORMATION:
EXAMPLE:
2.7V Lamp
Code
052
062
072
17
10
16
11
01
12
02
082
092
18
13
03
202
212
14
15
19
04
Short Cylindrical
Lens
Clear Anodized
Finish
Colorless
Nondiffusing
Lens
900
1
Stainless
steel pins
standard
A
Tin-plated
stainless steel
pins for printed
circuit board
mounting
013
024
04
065
075
084
1
Black
Anodized
2
Clear (Silver)
Anodized
standard
Nondiffusing
(Clear)
AN Amber
BN Blue
CN Colorless
GN Green
RN Red
WN White
(Cloudy)
YN Yellow
1
MSCP - Mean Spherical Candle Power.
2
Because of relatively low light output, these lamps should be used with non-diffusing (clear) lens colors only. Lamp ratings are
compiled from a leading lamp manufacturer's catalog.
3
Best suited for wide angle viewing.
4
For High Temperature application, contact factory.
5
Nondiffusing lens colors only. Types 06 and 07 are recommended for best light distribution.
X
(NONE)
Volts
Life (Hrs)
MA
MSCP
60
60
15
60
40
60
200
40
200
200
14
40
40
80
80
17
20
40
40
40
40
3,000
6,000
10,000
30,000
10,000
3,000
1,000
20,000
5,000
20,000
50,000
5,000
10,000
1,500
15,000
25,000
15,000
10,000
4,000
10,000
7,000
1.35
2.7
3.0
5.0
6.0
6.0
6.0
6.3
6.3
6.3
10.0
10.0
12.0
14.0
14.0
14.0
18.0
18.0
28.0
28.0
28.0
Translucent
AT Amber
BT Blue
GT Green
RT Red
WT White
YT Yellow
.160 ± .002
.203
±.015
Long Stovepipe
Flat
Long Cylindrical
Short Stovepipe
Fresnel
Short Cylindrical
Fluted
Short Cylindrical
900
1 06 X
08 2 CN


Similar Part No. - 900A68J061GN

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
900A52B011AN VCC-900A52B011AN Datasheet
1Mb / 3P
   LED lamps
900A52B011CN VCC-900A52B011CN Datasheet
1Mb / 3P
   LED lamps
900A52B012AN VCC-900A52B012AN Datasheet
1Mb / 3P
   LED lamps
900A52B012CN VCC-900A52B012CN Datasheet
1Mb / 3P
   LED lamps
900A52B031AN VCC-900A52B031AN Datasheet
1Mb / 3P
   LED lamps
More results

Similar Description - 900A68J061GN

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
910 VCC-910 Datasheet
347Kb / 1P
   Cartridge Lamps
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8I65540-PF LIGITEK-L8I65540-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8Y45740 LIGITEK-L8Y45740 Datasheet
102Kb / 5P
   RECTANGLE TYPE LED LAMPS
L8Y45841 LIGITEK-L8Y45841 Datasheet
119Kb / 5P
   RECTANGLE TYPE LED LAMPS
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com