Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS7039 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS7039
Description  70MHz SAW Filter 1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS7039 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS7039 Datasheet HTML 1Page - SIPAT Co,Ltd LBS7039 Datasheet HTML 2Page - SIPAT Co,Ltd LBS7039 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS7039
Rev. Date
2006-11-13
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
1MHz Bandwidth
Part Number:LBS7039
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.95
70
70.05
Insertion Loss
dB
-
22.6
24
1 dB Bandwidth
MHz
0.31
0.33
-
3 dB Bandwidth
MHz
0.5
0.58
-
40 dB Bandwidth
MHz
-
1.72
1.9
50 dB Bandwidth
MHz
-
1.84
-
Passband Variation
dB
-
0.01
0.1
Phase Linearity(f0±0.2MHz)
degrees
-
2
3
Group Delay Variation(f0±0.2MHz)
nsec
-
100
300
Absolute Delay
usec
-
2.8
-
Ultimate Rejection
dB
50
60
-
Material Temperature coefficient
KHz/°C
0.07
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=220nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBS7039

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS7039 SIPAT-LBS7039 Datasheet
142Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
More results

Similar Description - LBS7039

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A13 SIPAT-LBS70A13 Datasheet
140Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS7039 SIPAT-LBS7039 Datasheet
142Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LB070DS04 SIPAT-LB070DS04 Datasheet
150Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LB070DS04 SIPAT-LB070DS04 Datasheet
291Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS70A40 SIPAT-LBS70A40 Datasheet
165Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS7038 SIPAT-LBS7038 Datasheet
143Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LB070DS02 SIPAT-LB070DS02 Datasheet
173Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LB070DS02 SIPAT-LB070DS02 Datasheet
144Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS70A40 SIPAT-LBS70A40 Datasheet
136Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS70A13 SIPAT-LBS70A13 Datasheet
145Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com