Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDA7563B Datasheet(PDF) 6 Page - STMicroelectronics

Part No. TDA7563B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

TDA7563B Datasheet(HTML) 6 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Block diagram and application circuit
TDA7563B
6/33
1
Block diagram and application circuit
Figure 1.
Block diagram
Figure 2.
Application circuit
Short Circuit
Protection &
Diagnostic
I2CBUS
Mute1 Mute2
Thermal
Protection
& Dump
Clip
Detector
IN LF
IN RR
IN RF
IN LR
VCC1
VCC2
CD_OUT
OUT RF+
OUT RF-
OUT RR+
OUT RR-
OUT LF+
OUT LF-
OUT LR+
OUT LR-
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
16/30dB
Reference
CLK DATA
SVR
AC_GND
TAB
S_GND
PW_GND
F
F
R
R
RF RR
LF LR
ST-BY/MUTE
16/30dB
16/30dB
16/30dB
IN RF
C1 0.22
μF
IN RR
C2 0.22
μF
OUT RF
OUT RR
IN LF
C3 0.22
μF
IN LR
C4 0.22
μF
OUT LF
OUT LR
D00AU1231A
C5
1
μF
C6
10
μF
TAB
47K
-
+
-
+
-
+
-
+
Vcc1
Vcc2
C8
0.1
μF
V(4V .. VCC)
C7
3300
μF
DATA
I2C BUS
CLK
13
12
15
16
23
26
2
14
S-GND
17
11
5
CD OUT
V
721
18
19
20
22
25
24
10
9
8
6
3
4
1, 27


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn