Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCPD-034-25-311.040 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CCPD-034-25-311.040
Description  LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-034-25-311.040 Datasheet(HTML) 2 Page - Crystek Corporation

  CCPD-034-25-311.040 Datasheet HTML 1Page - Crystek Corporation CCPD-034-25-311.040 Datasheet HTML 2Page - Crystek Corporation CCPD-034-25-311.040 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CCPD-034 LVPECL
Clock Oscillator
5x7mm SMD
3.3 Volts
Rev.: L
Date: 05-13-08
Frequency Range:
162.000MHz to 312.500MHz
Frequency Stability Options(ppm):
±20, ±25, ±50, ±100
Temperature Range: (standard)
0°C to +70°C
(Option M)
-20°C to +70°C
(Option X)
-40°C to +85°C
Storage:
-55°C to 120°C
Input Voltage:
3.3V ± 0.3V
Input Current:
55mA Typ., 88mA Max
Output:
Differential LVPECL
Symmetry:
45/55% Max @ 50%Vdd
Rise/Fall Time:
1nsec Max @ 20% to 80% Vdd
Logic: Terminated to Vdd-2V into 50 ohms
Temp. 0°C to 85°C
“0”=1.490 Min., 1.680 Max
“1”=2.275 Min., 2.420 Max
Temp. -40°C to 0°C
“0”=1.470 Min., 1.745 Max
“1”=2.215 Min., 2.420 Max
Disable Time
200nSec Max
Start-up Time
1mSec Typ., 2mSec Max
Phase Jitter:
12KHz~80MHz
0.5psec Typ., 1psec RMS Max
Phase Noise:
(See Plot Below)
Sub-harmonics:
None
Aging:
<3ppm 1st year, <2ppm every year thereafter
Actual CCPD-034X-50-311.040MHz Plot


Similar Part No. - CCPD-034-25-311.040

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCPD-034 CRYSTEKMICROWAVE-CCPD-034 Datasheet
386Kb / 3P
   5횞7mm SMD LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-034 CRYSTEKCRYSTAL-CCPD-034_15 Datasheet
311Kb / 3P
   LVPECL Clock Oscillator
More results

Similar Description - CCPD-034-25-311.040

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-033 CRYSTEKCRYSTAL-CCPD-033 Datasheet
596Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-023 CRYSTEKCRYSTAL-CCPD-023 Datasheet
593Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
CCPD-024 CRYSTEKCRYSTAL-CCPD-024 Datasheet
597Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
C33XX CRYSTEKCRYSTAL-C33XX Datasheet
562Kb / 3P
   5x7mm SMD HCMOS Clock Oscillator 3.3 Volts
CCLD-034 CRYSTEKCRYSTAL-CCLD-034 Datasheet
596Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCLD-033 CRYSTEKCRYSTAL-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCLD-023 CRYSTEKCRYSTAL-CCLD-023 Datasheet
598Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 2.5 Volts
CCLD-024 CRYSTEKCRYSTAL-CCLD-024 Datasheet
596Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 2.5 Volts
C32XX CRYSTEKCRYSTAL-C32XX Datasheet
563Kb / 3P
   5x7mm SMD HCMOS Clock Oscillator 5.0 Volts
CVPD-034 CRYSTEKCRYSTAL-CVPD-034 Datasheet
611Kb / 3P
   Voltage Controlled Crystal Oscillator 5x7mm SMD 3.3 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com