Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436632S24V Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V436632S24V
Description  3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632S24V Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V436632S24V Datasheet HTML 3Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 4Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 5Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 6Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 7Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 8Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 9Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 10Page - Mosel Vitelic, Corp V436632S24V Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSEL VITELIC
V436632S24V
7
V436632S24V Rev. 1.0 January 2002
Standby and Refresh Currents1
TA =0°Cto70°C, VCC =3.3V ± 0.3V
Symbol Parameter
Test Conditions
-75PC/75
-10PC
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC>= tRC(min),
tCK>= tCK(min), IO = 0 mA
2 Bank Interleave Operation
1840
1680
mA
1,2
ICC2P
Precharged Standby Current in
PowerDown Mode
CKE< = VIL(max), tCK>= tCK(min)
16
16
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK>= tCK(min), In-
put changed once in 3 cycles
360
280
mA
CS =
High
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK>= tCK(min)
80
80
mA
ICC3N
Active Standby Current in Non-Pow-
er Down Mode
CKE> = VIH(min), tCK>= tCK(min), In-
put changed one time
400
360
mA
CS =
High
ICC4
Burst Operating Current
tRC = Infinite, CL = 3,
tCK>= tCK(min), IO = 0 mA
2 Banks Activated
1360
960
mA
1, 2
ICC5
Auto Refresh Current
tRC>= tRC(min)
1920
1760
mA
1,2
ICC6
Self Refresh Current
CKE = <0,2 V
Standard
24
24
mA
1,2
L-version
12
12


Similar Part No. - V436632S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-10PCL MOSEL-V436632R24VXTG-10PCL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-75L MOSEL-V436632R24VXTG-75L Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-75PCL MOSEL-V436632R24VXTG-75PCL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
More results

Similar Description - V436632S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43644R04VCTG-75 MOSEL-V43644R04VCTG-75 Datasheet
172Kb / 12P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
V436532S04VATG-10PC MOSEL-V436532S04VATG-10PC Datasheet
198Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com