Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1117AXX18 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD1117AXX18
Description  Low drop fixed and adjustable positive voltage regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117AXX18 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD1117AXX18 Datasheet HTML 4Page - STMicroelectronics LD1117AXX18 Datasheet HTML 5Page - STMicroelectronics LD1117AXX18 Datasheet HTML 6Page - STMicroelectronics LD1117AXX18 Datasheet HTML 7Page - STMicroelectronics LD1117AXX18 Datasheet HTML 8Page - STMicroelectronics LD1117AXX18 Datasheet HTML 9Page - STMicroelectronics LD1117AXX18 Datasheet HTML 10Page - STMicroelectronics LD1117AXX18 Datasheet HTML 11Page - STMicroelectronics LD1117AXX18 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical characteristics
LD1117Axx
8/29
Table 5.
Electrical characteristics of LD1117A#18
(refer to the test circuits, TJ = 0 to 125 °C, CO = 10 µF, CI = 10 µF unless otherwise
specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 3.8V, IO = 10mA, TJ = 25°C
1.764
1.8
1.836
V
VO
Output voltage
IO = 0 to 1A, VI = 3.3 to 8V
1.728
1.872
V
ΔVO
Line regulation
VI = 3.3 to 8V, IO = 0mA
1
6
mV
ΔVO
Load regulation
VI = 3.3V, IO = 0 to 1A
1
10
mV
ΔVO
Temperature stability
0.5
%
ΔVO
Long term stability
1000 hrs, TJ = 125°C
0.3
%
VI
Operating input voltage
IO = 100mA
10
V
Id
Quiescent current
VI ≤ 8V, IO = 0mA
5
10
mA
IO
Output current
VI - VO = 5V, TJ = 25°C
1000
mA
eN
Output noise voltage
B =10Hz to 10kHz, TJ = 25°C
100
µV
SVR
Supply voltage rejection
IO = 40mA, f = 120Hz
VI - VO = 3V, Vripple = 1VPP
60
80
dB
VD
Dropout voltage
IO = 100mA
1
1.10
V
IO = 500mA
1.05
1.15
IO = 1A
1.15
1.30
ΔVO(pwr) Thermal regulation
Ta = 25°C, 30ms Pulse
0.08
0.2
%/W


Similar Part No. - LD1117AXX18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117A STMICROELECTRONICS-LD1117A Datasheet
434Kb / 27P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
344Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117A STMICROELECTRONICS-LD1117A Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A-12-AA3-A-R UTC-LD1117A-12-AA3-A-R Datasheet
344Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LD1117AXX18

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com