Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT56K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYT56K
Description  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT56K Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT56K Datasheet HTML 1Page - Vishay Siliconix BYT56K Datasheet HTML 2Page - Vishay Siliconix BYT56K Datasheet HTML 3Page - Vishay Siliconix BYT56K Datasheet HTML 4Page - Vishay Siliconix BYT56K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYT56.
Document Number 86032
Rev. 1.6, 13-Apr-05
Vishay Semiconductors
www.vishay.com
1
949588
Fast Avalanche Sinterglass Diode
Features
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Very fast rectification and switching diode
Mechanical Data
Case: SOD-64 Sintered glass case
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 858 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
BYT56A
VR = 50 V; IFAV = 3 A
SOD-64
BYT56B
VR = 100 V; IFAV = 3 A
SOD-64
BYT56D
VR = 200 V; IFAV = 3 A
SOD-64
BYT56G
VR = 400 V; IFAV = 3 A
SOD-64
BYT56J
VR = 600 V; IFAV = 3 A
SOD-64
BYT56K
VR = 800 V; IFAV = 3 A
SOD-64
BYT56M
VR = 1000 V; IFAV = 3 A
SOD-64
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
BYT56A
VR = VRRM
50
V
BYT56B
VR = VRRM
100
V
BYT56D
VR = VRRM
200
V
BYT56G
VR = VRRM
400
V
BYT56J
VR = VRRM
600
V
BYT56K
VR = VRRM
800
V
BYT56M
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
80
A
Average forward current
on PC board
IFAV
1.5
A
l = 10 mm
IFAV
3A
Junction and storage
temperature range
Tj = Tstg
- 55 to + 175
°C
Non repetitive reverse
avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
e2


Similar Part No. - BYT56K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT56K VISHAY-BYT56K Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT56K BILIN-BYT56K Datasheet
92Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
EIC discrete Semiconduc...
BYT56K EIC-BYT56K Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT56K VISHAY-BYT56K Datasheet
103Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
logo
Frontier Electronics.
BYT56K FRONTIER-BYT56K Datasheet
128Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - BYT56K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com