Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT42W-V Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # BAT42W-V
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

BAT42W-V Datasheet(HTML) 2 Page - Vaishali Semiconductor

  BAT42W-V Datasheet HTML 1Page - Vaishali Semiconductor BAT42W-V Datasheet HTML 2Page - Vaishali Semiconductor BAT42W-V Datasheet HTML 3Page - Vaishali Semiconductor BAT42W-V Datasheet HTML 4Page - Vaishali Semiconductor BAT42W-V Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85661
Rev. 1.5, 27-Feb-07
BAT42W-V/BAT43W-V
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
1) Pulse test t
p < 300 µs, tp/T < 0.02
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3001)
K/W
Junction temperature
Tj
125
°C
Ambient operating temperature range
Tamb
- 55 to + 125
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 100 µA (pulsed)
V(BR)
30
V
Leakage current1)
VR = 25 V
IR
0.5
µA
VR = 25 V, Tj = 100 °C
IR
100
µA
Forward voltage1)
IF = 200 mA
VF
1000
mV
IF = 10 mA
BAT42W-V
VF
400
mV
IF = 50 mA
BAT42W-V
VF
650
mV
IF = 2 mA
BAT43W-V
VF
260
330
mV
IF = 15 mA
BAT43W-V
VF
450
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
7pF
Reverse recovery time
IF = 10 mA, IR = 10 mA,
iR = 1 mA, RL = 100 Ω
trr
5ns
Rectification efficieny
RL = 15 kΩ, CL = 300 pF,
f = 45 MHz, VRF = 2 V
η
v
80
%
Figure 1. Admissible Power Dissipation vs. Ambient Temperature
200
18442
Tamb - Ambient Temperature (°C)
250
200
150
100
50
50
100
150
0
0
Figure 2. Typical Reverse Characteristics
18443
1200
1000
800
600
400
200
0
1000
100
10
1
0.1
0.01
VF - Instantaneous Forward Voltage (mV)
25 °C
125 °C
- 40 °C


Similar Part No. - BAT42W-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V Datasheet
138Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 27-Feb-07
BAT42W-V VISHAY-BAT42W-V Datasheet
63Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.6, 05-Aug-10
BAT42W-V-GS08 VISHAY-BAT42W-V-GS08 Datasheet
138Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 27-Feb-07
BAT42W-V-GS18 VISHAY-BAT42W-V-GS18 Datasheet
138Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 27-Feb-07
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.6, 05-Aug-10
More results

Similar Description - BAT42W-V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com