Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCLD-915 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CCLD-915
Description  Differential LVDS Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCLD-915 Datasheet(HTML) 1 Page - Crystek Corporation

  CCLD-915 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Differential LVDS
Clock Oscillator
Bypass Capacitor Recommended
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for 3.3V LVDS
applications. The CCLD-915 is
a very low noise, low jitter clock
oscillator. Also available in 2.5V
model. Available on tape and
reel in quantities of 500ea.
9X14 mm SMD,
3.3V, LVDS
CCLD-915 Model
E/D pin
Output pin
Open
"1" level 0.7V Min
"0" level 0.3V Max
Active
Active
High Z
Tri-State Function
Table 3
162MHz to 250MHz
±25ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
35mA Typ, 47mA Max
Differential LVDS
45/55% Max @ 50% Vdd
1ns Max @ 20% to 80% Vdd
Connected between OUT and COUT
"0" = 1.10V Typical, 0.90V Min
"1" = 1.45V Typical, 1.65V Max
200ns Max
200ns Max
1ps RMS Max
Frequency Range:
Frequency Stability:
Temperature Range:
(Option M)
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Load:
100 Ohms
Logic:
Output Voltage Levels
Disable Time
Enable Time
Jitter:
12KHz to 20MHz
TD-031104 Rev.B
CCLD-915 X - 25 - 250.000
Crystek Part Number Guide
#1 Crystek 9X14 SMD LVDS Osc.
#2 Model 915 = 162MHz ~ 250MHz
#3 Temp. Range: Blank = 0/70°C, M= -20/70°C, X= -40/85°C
#4 Stability: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
#1
#2
#3
#5
Example:
CCLD-915X-25-250.000 = 3.3V, 45/55, -40/85°C, 25ppm, 250 MHz
#4
Blank (std)
± 100ppm
50
± 50ppm
25
± 25ppm
Stability Indicator:
Table 1
<3ppm 1st/yr, 1ppm every year thereafter
0.100
(2.54)
0.040
(1.01)
0.070
(1.77)
1
4
6
3
2
5
SUGGESTED PAD LAYOUT
0.280
(7.11)
0.050
(1.27)
0.200
(5.08)
0.090
(2.28)
0.360
(9.14)
0.560
(14.2)
CRYSTEK
P/N
Frequency
Date Code
0.210
(5.3)
0.560
(14.2)
Bottom View
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
Pad
Connection
1
2
3
4
5
6
E/D
N/C
GND
OUT
COUT
Vdd
Table 2
RECOMMENDED REFLOW SOLDERING PROFILE
185
150
235
100
10 sec
Max
Temperature
(4°C/sec Max)
Time
(seconds)
Reflow ±5°C
Cooling
1-5°C/Sec
1 to 2
minutes
260°C Reflow Profile NOT recommended for this product


Similar Part No. - CCLD-915

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCLD-912 CRYSTEKCRYSTAL-CCLD-912 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
CCLD-912-155.520 CRYSTEKCRYSTAL-CCLD-912-155.520 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
CCLD-912-25-155.520 CRYSTEKCRYSTAL-CCLD-912-25-155.520 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
CCLD-912M-25-155.520 CRYSTEKCRYSTAL-CCLD-912M-25-155.520 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
CCLD-912M-50-155.520 CRYSTEKCRYSTAL-CCLD-912M-50-155.520 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
More results

Similar Description - CCLD-915

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCLD-912 CRYSTEKCRYSTAL-CCLD-912 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
CCLD-023 CRYSTEKCRYSTAL-CCLD-023_15 Datasheet
85Kb / 3P
   LVDS Clock Oscillator
CCLD-024 CRYSTEKCRYSTAL-CCLD-024_15 Datasheet
84Kb / 3P
   LVDS Clock Oscillator
CCLD-033 CRYSTEKCRYSTAL-CCLD-033_15 Datasheet
129Kb / 3P
   LVDS Clock Oscillator
CCLD-054X-20-622.080 CRYSTEKCRYSTAL-CCLD-054X-20-622.080 Datasheet
611Kb / 3P
   LVDS Clock Oscillator
logo
Connor-Winfield Corpora...
LMXXX CONNOR-WINFIELD-LMXXX Datasheet
310Kb / 2P
   LVDS Clock Oscillator
logo
Crystek Corporation
CCLD-034 CRYSTEKCRYSTAL-CCLD-034_15 Datasheet
84Kb / 3P
   LVDS Clock Oscillator
CVLD-025 CRYSTEKCRYSTAL-CVLD-025 Datasheet
116Kb / 1P
   Differential LVDS Voltage Controlled Clock Oscillator 5X7 mm SMD, 2.5V, LVDS
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com