Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP3384X2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MKP3384X2
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP3384X2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MKP3384X2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 15Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 16Page - List of Unclassifed Manufacturers MKP3384X2 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
2001 Jun 22
15
BCcomponents
Product Specification
Interference suppression film capacitors
MKP 338 4 X2
Package marking
The package containing the capacitors is marked as shown Fig.16.
Fig.16 Barcode label.
Barcode label marking
LINE
MARKING EXPLANATION
1
Manufacturer’s name
2
Country of origin
3Sub-family
4
Type description and sub class
5
Capacitance value, tolerance, voltage and
climatic category (“IEC 60068-1”)
6
Safety approvals
7
Preference origin code: B
Country of origin in code: 780 (Poland)
Responsible production centre: PL
Work order: WO
8
Product type description
9
Quantity and production period, year and week
code
10
Product code (12NC)


Similar Part No. - MKP3384X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
More results

Similar Description - MKP3384X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com