Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLS-5W-200-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RLS-5W-200-S
Description  SUPER BRIGHT WHITE LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RLS-5W-200-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RLS-5W-200-S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RLS-5W-200-S
SUPER BRIGHT WHITE LED
ABSOLUTE MAXIMUM RATINGS (Ta = 25ºC)
Reverse Voltage
5 V
Reverse Current VR = 5 V
10 µA
Operating Temperature
-40ºC~+85ºC
Storage Temperature
-40ºC~+100ºC
Lead Soldering Temperature
250ºC
(for 5 seconds)
Power Dissipation
80 mW
ELECTRICAL AND OPTICAL CHARACTERISTICS (Ta = 25ºC)
Emitted Color
Chromaticity
Coordinate
20 mA
Recommended Values
ELECTRO-OPTICAL
(20 mA)
VF(v)
IV(cd)
X = 0.28
Lens
Appearance
Pd
mW
IF
mA
Peak
IF(mA)
TYP
max
min
TYP
Viewing
Angle
2
θ
1/2
(deg)
super white
Y = 0.32
Water
Clear
60
20
150
3.0
3.4
20
25
15±2
2.54(0.10)NOM
1.0(0.04)MIN
25.4(1.00)MIN
5.9(0.232)
1.5(0.059)MAX
1.0(0.04)
5.0(0.197)
4.98(0.198)
7.7(0.303)
0.5(0.0197)SQ TPY
NOTES:
All dimensions are in millimeters (inches). Tolerance is ±0.25mm(0.01) unless otherwise specified. The products are
sensitive to static electricity and care must be fully taken when handing products. Lead spacing is measured where the
leads emerge from the package. Specifications are subject to change without notice
ROITHNER LASERTECHNIK
Schoenbrunner Straße 7, 1040 Vienna, Austria
Tel.: +43-1-586 52 43 – 0, Fax.: +43-1-586 52 43 44
office@roithner-laser.com, www.roithner-laser.com


Similar Part No. - RLS-5W-200-S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLS-5W-200-S ROITHNER-RLS-5W-200-S Datasheet
42Kb / 1P
   SUPER BRIGHT WHITE LED
More results

Similar Description - RLS-5W-200-S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
5W4HCA-H20 ROITHNER-5W4HCA-H20 Datasheet
36Kb / 1P
   Super Bright White LED
5W4HCA-H30 ROITHNER-5W4HCA-H30 Datasheet
36Kb / 1P
   Super Bright White LED
RLS-5W-180-S ROITHNER-RLS-5W-180-S Datasheet
106Kb / 1P
   SUPER BRIGHT WHITE LED
RLS-5W-200-S ROITHNER-RLS-5W-200-S Datasheet
42Kb / 1P
   SUPER BRIGHT WHITE LED
RLS-5W-180S ROITHNER-RLS-5W-180S Datasheet
106Kb / 1P
   SUPER BRIGHT WHITE LED
logo
List of Unclassifed Man...
5W4HCA-H30 ETC2-5W4HCA-H30 Datasheet
31Kb / 1P
   Super Bright White LED
logo
TAITRON Components Inco...
TLH-X1W8-ZIKK TAITRON-TLH-X1W8-ZIKK Datasheet
262Kb / 6P
   Super Bright LED
logo
List of Unclassifed Man...
3803X ETC1-3803X Datasheet
88Kb / 7P
   SUPER BRIGHT LED
logo
TAITRON Components Inco...
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
logo
P-tec Corporation
PL16D-WCW24Z P-TEC-PL16D-WCW24Z Datasheet
74Kb / 1P
   Ultra Bright White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com