Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91871 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI91871
Description  300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91871 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI91871 Datasheet HTML 1Page - Vishay Siliconix SI91871 Datasheet HTML 2Page - Vishay Siliconix SI91871 Datasheet HTML 3Page - Vishay Siliconix SI91871 Datasheet HTML 4Page - Vishay Siliconix SI91871 Datasheet HTML 5Page - Vishay Siliconix SI91871 Datasheet HTML 6Page - Vishay Siliconix SI91871 Datasheet HTML 7Page - Vishay Siliconix SI91871 Datasheet HTML 8Page - Vishay Siliconix SI91871 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si91871
Vishay Siliconix
www.vishay.com
4
Document Number: 72012
S-51147—Rev. F, 20-Jun-05
PIN CONFIGURATION
MLP33-5 PowerPAK
1
2
1
2
3
4
5
3
4
5
SD
BP
VIN
VOUT
GND
GND
GND
GND
Top View
Bottom View
PIN DESCRIPTION
Pin Number
Name
Function
1
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused
2
BP
Noise bypass pin. For low noise applications, a 0.01 mF ceramic capacitor should be connected from this pin to ground.
3
VIN
Input supply pin. Bypass this pin with a 1-mF ceramic or tantalum capacitor to ground
4
VOUT
Output voltage. Connect COUT between this pin and ground.
5
GND
Ground pin. For better thermal capability, directly connected to large ground plane
ORDERING INFORMATION
Standard
Part Number
Lead (Pb)-Free
Part Number
Marking
Voltage
Temp.
Range
Pkg.
Si91871DMP-12-T1
Si91871DMP-12-E3
7112
1.2
Si91871DMP-18-T1
Si91871DMP-18-E3
7118
1.8
Si91871DMP-25-T1
Si91871DMP-25-E3
7125
2.5
Si91871DMP-26-T1
Si91871DMP-26-E3
7126
2.6
40 to 85_C
MLP33 5
Si91871DMP-28-T1
Si91871DMP-28-E3
7128
2.8
−40 to 85_C
MLP33-5
Si91871DMP-30-T1
Si91871DMP-30-E3
7130
3.0
Si91871DMP-33-T1
Si91871DMP-33-E3
7133
3.3
Si91871DMP-50-T1
Si91871DMP-50-E3
7150
5.0


Similar Part No. - SI91871

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871DMP-12-T1 VISHAY-SI91871DMP-12-T1 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871DMP-15-T1 VISHAY-SI91871DMP-15-T1 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871DMP-18-T1 VISHAY-SI91871DMP-18-T1 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
More results

Similar Description - SI91871

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
logo
ON Semiconductor
NCP164C ONSEMI-NCP164C Datasheet
566Kb / 15P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
January, 2020 ??Rev. 1
NCP164 ONSEMI-NCP164 Datasheet
365Kb / 10P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
April, 2020 ??Rev. 0
NCV8164 ONSEMI-NCV8164 Datasheet
423Kb / 13P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
February, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com