Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436632R24VL Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V436632R24VL
Description  3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632R24VL Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V436632R24VL Datasheet HTML 4Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 5Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 6Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 7Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 8Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 9Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 10Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 11Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
V436632R24V(L) Rev. 1.0 October 2001
MOSEL VITELIC
V436632R24V(L)
Label Information
C L = 3 or 2 (C LK)
tRCD = 3 or 2 (C LK)
tRP = 3 or 2 (C LK)
tAC = 5.4 ns
XXX
U
UNB UF F E R E D DIMM
P C 133
54
J E DE C S P D R evision 2
2
V 436616R 24XXX-XX 128MB C L X
P C 133U-XXX-542-A
XXXX-XXXXXX
A s s embly in T aiwan
A
G erber file
® P C 100 x 16 Based
--
-
Part Number
Module Density
DIMM manufacture date code
CAS Latency
2 = C L2
3 = C L3
C riteria of P C 100 or P C 133
(refer to MV I datasheet)
V436632R24VXXX-XX(L) 256MB CLX
16


Similar Part No. - V436632R24VL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24VXTG-10PC MOSEL-V436632S24VXTG-10PC Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24VXTG-75 MOSEL-V436632S24VXTG-75 Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24VXTG-75PC MOSEL-V436632S24VXTG-75PC Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
More results

Similar Description - V436632R24VL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-10PC MOSEL-V436532S04VATG-10PC Datasheet
198Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V436632Z24V MOSEL-V436632Z24V Datasheet
297Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com