Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4351M96E4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC4351M96E4
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4351M96E4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4351M96E4 Datasheet HTML 1Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 2Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 3Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 4Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 5Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 6Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 7Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 8Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS213C
Features
• Wide Analog Input Voltage Range
. . . . . . . . . ±5V (Max)
• Low “On” Resistance
-VCC - VEE = 4.5V. . . . . . . . . . . . . . . . . . . . . . 70Ω (Typ)
-VCC - VEE = 9V . . . . . . . . . . . . . . . . . . . . . . . 40Ω (Typ)
• Low Crosstalk Between Switches
• Fast Switching and Propagation Speeds
• “Break-Before-Make” Switching
• Wide Operating Temperature Range . . . -55oC to 125oC
• HC Types
- 2V to 6V Operation, Control; 0V to 10V Switch
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation, Control; 0V to 10V Switch
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4351, CD74HCT4351, and CD74HC4352 are
digitally controlled analog switches which utilize silicon-gate
CMOS technology to achieve operating speeds similar to
LSTTL with the low power consumption of standard CMOS
integrated circuits.
These analog multiplexers/demultiplexers are, in essence,
the HC/HCT4015 and HC4052 preceded by address latches
that are controlled by an active low Latch Enable input (LE).
Two Enable inputs, one active low (E1), and the other active
high (E2) are provided allowing enabling with either input
voltage level.
Pinouts
CD54HC4351
(CERDIP)
CD74HC4351
(PDIP, SOIC)
CD74HCT4351
(PDIP)
TOP VIEW
CD74HC4352
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4351F3A
-55 to 125
20 Ld CERDIP
CD74HC4351E
-55 to 125
20 Ld PDIP
CD74HC4351M
-55 to 125
20 Ld SOIC
CD74HC4351M96
-55 to 125
20 Ld SOIC
CD74HCT4351E
-55 to 125
20 Ld PDIP
CD74HC4352E
-55 to 125
20 Ld PDIP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
A4
A6
NC
A COMMON
A7
A5
E2
E1
VEE
GND
VCC
A1
A0
A3
A2
S0
NC
S1
S2
LE
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
B0
B2
NC
B COMMON
B3
B1
E2
E1
VEE
GND
VCC
A1
A COMMON
A0
A2
A3
NC
S0
S1
LE
September 1998 - Revised July 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4351, CD74HC4351,
CD74HCT4351, CD74HC4352
High-Speed CMOS Logic
Analog Multiplexers/Demultiplexers with Latch
[ /Title
(CD74
HC435
1,
CD74
HCT43
51,
CD74
HC435
2)
/Sub-
ject
(High
Speed
CMOS
Logic
Ana-
log
Multi-
plex-
ers/De
multi-
plex-
ers
with
Latch)
/Autho
r ()
/Key-
words
(High
Speed
CMOS
Logic


Similar Part No. - CD74HC4351M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4351M96E4 TI-CD74HC4351M96E4 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351M96E4 TI-CD74HC4351M96E4 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results

Similar Description - CD74HC4351M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com