Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT374ATPC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT374ATPC
Description  8-BIT REGISTERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT374ATPC Datasheet(HTML) 6 Page - Texas Instruments

Back Button CY74FCT374ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 7Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 8Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 9Page - Texas Instruments CY74FCT374ATPC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY54FCT374T, CY74FCT374T
8-BIT REGISTERS
WITH 3-STATE OUTPUTS
SCCS022A – MAY 1994 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
CY54FCT374T
CY54FCT374AT
CY54FCT374CT
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CP high or low
7
6
6
ns
tsu
Setup time, data before CP
2
2
2
ns
th
Hold time, data after CP
1.5
1.5
1.5
ns
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
CY74FCT374T
CY74FCT374AT
CY74FCT374CT
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CP high or low
7
5
5
ns
tsu
Setup time, data before CP
2
2
2
ns
th
Hold time, data after CP
1.5
1.5
1.5
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY54FCT374T
CY54FCT374AT
CY54FCT374CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
CP
O
2
11
2
7.2
2
6.2
ns
tPHL
CP
O
2
11
2
7.2
2
6.2
ns
tPZH
OE
O
1.5
14
1.5
7.5
1.5
6.2
ns
tPZL
OE
O
1.5
14
1.5
7.5
1.5
6.2
ns
tPHZ
OE
O
1.5
8
1.5
6.5
1.5
5.7
ns
tPLZ
OE
O
1.5
8
1.5
6.5
1.5
5.7
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY74FCT374T
CY74FCT374AT
CY74FCT374CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
CP
O
2
10
2
6.5
2
5.2
ns
tPHL
CP
O
2
10
2
6.5
2
5.2
ns
tPZH
OE
O
1.5
12.5
1.5
6.5
1.5
5.5
ns
tPZL
OE
O
1.5
12.5
1.5
6.5
1.5
5.5
ns
tPHZ
OE
O
1.5
8
1.5
5.5
1.5
5
ns
tPLZ
OE
O
1.5
8
1.5
5.5
1.5
5
ns


Similar Part No. - CY74FCT374ATPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT374ATPC TI-CY74FCT374ATPC Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT374ATPCE TI-CY74FCT374ATPCE Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT374ATPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Advanced Micro Devices
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Texas Instruments
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com