Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84134181 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 84134181
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84134181 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  84134181 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84134181 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4/8
4
Hybrid power relays - RHP
Operating principles
Contactor
The contactor output is closed when the control voltage is present at the
control input terminals.
The contactor output is open when there is no voltage at the control input
terminals.
The LED is lit when the output is active.
Impulse relay
The impulse relay output changes state on each impulse at the control
input terminals, and remains in that state between each impulse. The
output changes state on the rising edge of the control state change.
The pushbutton on the front can be used to select an operating mode:
Automatic (LED lit): Impulse relay function (Auto)
Forced operation (LED flashing): output closed (ON)
Stop (LED not lit): output open (OFF)
Day/night contactor
The contactor output is closed when the control voltage is present at the
control input terminals.
The contactor output is open when there is no voltage at the control input
terminals.
The pushbutton on the front can be used to select an operating mode:
Automatic (LED lit): Day/night contactor function (Auto)
Forced operation (LED flashing): output closed (ON)
When the control changes state, the day/night contactor reverts to
automatic mode.
Stop (LED not lit): output open (OFF)
Conformity with standards
IEC/EN 60947-4-3 (industrial environment)
IEC/EN 60669-2-1 (domestic environment)
IEC/EN 60601-1 (medical environment)
IEC/EN 60947-7-1 (connection for industrial env.)
IEC/EN 60998-2-1 (connection for domestic env.)
Insulation coordination:
Installation category: 3
Degree of pollution: 3
According to IEC 60664-1: 4KV/3
Breakdown voltage according to IEC/EN60669-2-1:
2 KV/1Min / 1mA / 50 Hz
Insulation resistance according to IEC/EN60669-2-1:
> 5M
Ω/500VDC / 1Min
Vibrations according to IEC/EN60068-2-6: frequencies: 10 to 55Hz
amplitude: 0.35 mm
Voltage
90…260 V a
0…32 V c
Frequency
50 / 60 Hz
Thresh- OFF control
0 to 46 V a
0 to 1 V c
olds
ON control
76 to 260 V a
4 to 32 V c
Minimum duration
50 ms
50 ms
of the control
Contactor control a
84 138 001
Contactor control c
84 138 000
Impulse relay control a
84 138 101
Day/night contactor control c
84 138 201
Part numbers (and voltages)
Input characteristics
Voltage
90…260 V a
Max. current
20 A in AC1 / AC51 / AC7a
Overload current 20 A
AC-51 : 1,25 x Ie – 60s : 50 - 30
(IEC 60947-4-3)
Min. current
100 mA in AC1 / AC51 / AC7a
Frequency
50 / 60 Hz
Contact
N.O.
Number of operations
> 5 000 000
Leakage current
< 5 mA
Acoustic
in steady state
< 35 dB at 1 m
noise
on switching
< 50 dB at 0.5 m
Terminal block clamping
2 x 1.5 mm2 with ferrule
capacity:
2 x 2.5 mm2 without ferrule
1 x 4 mm2 without ferrule
Terminal tightening torque
1 Nm max. M3 screw (IEC60947-1)
Operating temperature
-5 °C to +55 °C
Storage temperature
-40 °C to +85 °C
Relative humidity
90 to 95 % without condensation
Casing material
Self-extinguishing
Degree of protection
IP 50 casing
(according to IEC 60529)
IP 20 terminal block
Weight (g)
70 approx.
Output characteristics
s 20 A in a case only 17.5 mm wide
s Service life > 5 million operations at full load
s Silent operation
s Functions: contactor – impulse relay – day/night
contactor
s Clips onto a 35 mm DIN rail
s UL/©UL (listed) approval pending
s NF-USE label pending
s “CE” / Low Voltage Directive conformity
Connection
Dimensions
13
A1
4
2A2
NI
13
24
A2
LOAD
A1
IN
13
24
A2
A1
90...
260V
44
5,5
60
17,5
1
To order, specify:
Standard products
Example : Solid state relays - RHP - 84 138 001
1
Part number
90…260 V a/4…32 V c


Similar Part No. - 84134181

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
84134181H CRYDOM-84134181H Datasheet
673Kb / 8P
   AC Output SSRs
More results

Similar Description - 84134181

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com