Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD8342V10MIT Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD8342V10MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8342V10MIT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD8342V10MIT Datasheet HTML 5Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 6Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 7Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 8Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 9Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 10Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 11Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 12Page - STMicroelectronics PSD8342V10MIT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
9/89
PSD834F2V
In-System Programming (ISP)
Using the JTAG signals on Port C, the entire PSD
device can be programmed or erased without the
use of the MCU. The primary Flash memory can
also be programmed in-system by the MCU exe-
cuting the programming algorithms out of the sec-
ondary
memory,
or
SRAM.
The
secondary
memory can be programmed the same way by ex-
ecuting out of the primary Flash memory. The PLD
or other PSD Configuration blocks can be pro-
grammed through the JTAG port or a device pro-
grammer. Table 3 indicates which programming
methods can program different functional blocks
of the PSD.
Table 3. Methods of Programming Different Functional Blocks of the PSD
Power Management Unit (PMU)
The Power Management Unit (PMU) gives the
user control of the power consumption on selected
functional blocks based on system requirements.
The PMU includes an Automatic Power-down
(APD) Unit that turns off device functions during
MCU inactivity. The APD Unit has a Power-down
mode that helps reduce power consumption.
The PSD also has some bits that are configured at
run-time by the MCU to reduce power consump-
tion of the CPLD. The Turbo bit in PMMR0 can be
reset to 0 and the CPLD latches its outputs and
goes to sleep until the next transition on its inputs.
Additionally, bits in PMMR2 can be set by the
MCU to block signals from entering the CPLD to
reduce power consumption. Please see the sec-
tion entitled “Power Management” on page 55 for
more details.
Functional Block
JTAG Programming
Device Programmer
IAP
Primary Flash Memory
Yes
Yes
Yes
Secondary Flash Memory
Yes
Yes
Yes
PLD Array (DPLD and CPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No


Similar Part No. - PSD8342V10MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD8342V12JIT STMICROELECTRONICS-PSD8342V12JIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD8342V12JT STMICROELECTRONICS-PSD8342V12JT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD8342V12MIT STMICROELECTRONICS-PSD8342V12MIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD8342V12MT STMICROELECTRONICS-PSD8342V12MT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD8342V15JIT STMICROELECTRONICS-PSD8342V15JIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD8342V10MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD835G2 STMICROELECTRONICS-PSD835G2_04 Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2V STMICROELECTRONICS-PSD835G2V_07 Datasheet
983Kb / 118P
   Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
   Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com