Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQP10A7N5B00 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # LQP10A7N5B00
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP10A7N5B00 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button LQP10A7N5B00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQP10A7N5B00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
6
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
LQH4N1R0M04
1.0
0.20
120
LQH4N1R2M04
1.2
100
LQH4N1R5M04
1.5
85
LQH4N1R8M04
1.8
T20
20
0.30
75
LQH4N2R2M04
2.2
62
500
LQH4N2R7M04
2.7
0.32
53
LQH4N3R3M04
3.3
0.35
47
LQH4N3R9M04
3.9
0.38
41
LQH4N4R7K04
4.7
0.40
38
LQH4N5R6K04
5.6
0.47
33
LQH4N6R8K04
6.8
T10
30
0.50
31
450
LQH4N8R2K04
8.2
1MHz
0.56
27
LQH4N100K(J)04
10
23
400
LQH4N120K(J)04
12
0.62
21
380
LQH4N150K(J)04
15
0.73
19
360
LQH4N180K(J)04
18
1MHz
0.82
17
340
LQH4N220K(J)04
22
0.94
15
320
LQH4N270K(J)04
27
1.1
14
300
Y25
LQH4N330K(J)04
33
35
1.2
12
270
to
LQH4N390K(J)04
39
1.4
11
240
W85D
LQH4N470K(J)04
47
1.5
10
220
LQH4N560K(J)04
56
1.7
9.3
200
LQH4N680K(J)04
68
1.9
8.4
180
LQH4N820K(J)04
82
2.2
7.5
170
LQH4N101K(J)04
100
2.5
6.8
160
LQH4N121K(J)04
120
3.0
6.2
150
LQH4N151K(J)04
150
T10
3.7
5.5
130
LQH4N181K(J)04
180
(
T5)
4.5
5.0
120
LQH4N221K(J)04
220
5.4
4.5
110
LQH4N271K(J)04
270
796kHz
6.8
4.0
100
LQH4N331K(J)04
330
8.2
3.6
95
LQH4N391K(J)04
390
9.7
3.3
90
LQH4N471K(J)04
470
40
11.8
3.0
80
LQH4N561K(J)04
560
14.5
2.7
70
LQH4N681K(J)04
680
17.0
2.5
65
LQH4N821K(J)04
820
20.5
2.2
60
LQH4N102K(J)04
1000
1kHz
25.0
2.0
50
LQH4N122K(J)04
1200
30.0
1.8
45
LQH4N152K(J)04
1500
252kHz
37.0
1.6
40
LQN4N182K(J)04
1800
45.0
1.5
35
LQN4N222K(J)04
2200
50.0
1.3
30
Part Number
Inductance
Q
Nominal
Value(
µH)
Tolerance
(%)
Test
Frequency
Nominal
Value(min.)
Test
Frequency
DC Resistance
(
Ωmax.)
Self-resonant
Frequency
(MHz min.)
Allowable
Current
(mA)
Operating
Temp. Range
LQH4N/LQN4N


Similar Part No. - LQP10A7N5B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15M MURATA-LQP15M Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQP15MN10NG02 MURATA-LQP15MN10NG02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQP15MN10NG02 MURATA-LQP15MN10NG02 Datasheet
70Kb / 2P
   Inductance
LQP15MN10NG02B MURATA-LQP15MN10NG02B Datasheet
70Kb / 2P
   Inductance
LQP15MN10NG02D MURATA-LQP15MN10NG02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

Similar Description - LQP10A7N5B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com