Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN3NF06L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STN3NF06L
Description  N-channel 60 V, 0.07 廓, 4 A, SOT-223 STripFET??II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NF06L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STN3NF06L Datasheet HTML 4Page - STMicroelectronics STN3NF06L Datasheet HTML 5Page - STMicroelectronics STN3NF06L Datasheet HTML 6Page - STMicroelectronics STN3NF06L Datasheet HTML 7Page - STMicroelectronics STN3NF06L Datasheet HTML 8Page - STMicroelectronics STN3NF06L Datasheet HTML 9Page - STMicroelectronics STN3NF06L Datasheet HTML 10Page - STMicroelectronics STN3NF06L Datasheet HTML 11Page - STMicroelectronics STN3NF06L Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STN3NF06L
Revision history
11/12
5
Revision history
Table 8.
Document revision history
Date
Revision
Changes
21-Jun-2004
5
Complete version.
04-Oct-2006
6
New template, no content change.
01-Feb-2007
7
Typo mistake on Table 2.
12-Jun-2008
8
Corrected marking on Table 1


Similar Part No. - STN3NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
logo
VBsemi Electronics Co.,...
STN3NF06L VBSEMI-STN3NF06L Datasheet
1,009Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
STN3NF06L TECHPUBLIC-STN3NF06L Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - STN3NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NF06L STMICROELECTRONICS-STN4NF06L Datasheet
611Kb / 12P
   N-channel 60 V, 0.07 廓, 4 A SOT-223 STripFET??II Power MOSFET
STN3PF06 STMICROELECTRONICS-STN3PF06_08 Datasheet
253Kb / 12P
   P-channel 60 V - 0.20 廓 - 2.5 A - SOT-223 STripFET??II Power MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L_07 Datasheet
232Kb / 12P
   N-channel 30 V - 0.039 廓 - 6.5 A - SOT-223 STripFET??II Power MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
   N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
STN4NF20L STMICROELECTRONICS-STN4NF20L Datasheet
611Kb / 12P
   N-channel 200 V, 1.1 廓, 1 A SOT-223 low gate charge STripFET??II Power MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
   N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
   N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET??II POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
   N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com