Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC176ADRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176ADRG4
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC176ADRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LBC176ADRG4 Datasheet HTML 7Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 8Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 9Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 10Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 11Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 12Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 13Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 14Page - Texas Instruments SN65LBC176ADRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN65LBC176A, SN75LBC176A
DIFFERENTIAL BUS TRANSCEIVERS
SLLS376C− MAY 2000 − REVISED DECEMBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
3.5
3
2.5
2
0
−10
−20
−30
−40
−50
−60
4
4.5
I
− High-Level Output Current − (mA)
DRIVER HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
−70
−80
OH
1.5
1
0.5
0
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
1.5
1
0.5
0
−40
0
25
70
85
2
Average Case Temperature − C
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
AVERAGE CASE TEMPERATURE
°
Figure 14
Figure 15
13.5
13.4
13.3
12.9
−40
0
25
13.6
13.7
Case Temperature C
RECEIVER PROPAGATION TIME
vs
CASE TEMPERATURE
13.8
70
80
°
13.1
13
13.2
6.8
6.6
6.4
6.2
−40
0
25
70
7
7.2
Case Temperature − C
DRIVER PROPAGATION DELAY TIME
vs
CASE TEMPERATURE
7.4
85
°
6
5.8
5.6
Figure 16
Figure 17


Similar Part No. - SN65LBC176ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176ADRG4 TI-SN65LBC176ADRG4 Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176ADRG4 TI-SN65LBC176ADRG4 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN65LBC176ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com