Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBZ10VALT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBZ10VALT1G
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBZ10VALT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBZ10VALT1G Datasheet HTML 1Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 2Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 3Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 4Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 5Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 6Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 7Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 8Page - Leshan Radio Company LMBZ10VALT1G Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LMBZ6V8ALT1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3)
(VF = 0.9 V Max @ IF = 10 mA)
24 WATTS
IR @
Breakdown Voltage
Max Zener
Impedance (Note 5.)
VC @ IPP
(Note 6.)
Device
VRWM
IR @
VRWM
VBR (Note 4.) (V)
@ IT
ZZT @ IZT
ZZK @ IZK
VC
IPP
QVBR
Device
Device
Marking
Volts
mA
Min
Nom
Max
mA
mA
V
A
mV/
5C
LMBZ5V6ALT1G
5A6
3.0
5.0
5.32
5.6
5.88
20
11
1600
0.25
8.0
3.0
1.26
LMBZ6V2ALT1G
6A2
3.0
0.5
5.89
6.2
6.51
1.0
8.7
2.76
2.80
(VF = 1.1 V Max @ IF = 200 mA)
Breakdown Voltage
VC @ IPP (Note 6.)
Device
VRWM
IR @ VRWM
VBR (Note 4.) (V)
@ IT
VC
IPP
QVBR
Device
Device
Marking
Volts
mA
Min
Nom
Max
mA
V
A
mV/
5C
LMBZ6V8ALT1G
6A8
4.5
0.5
6.46
6.8
7.14
1.0
9.6
2.5
3.4
LMBZ9V1ALT1G
9A1
6.0
0.3
8.65
9.1
9.56
1.0
14
1.7
7.5
LMBZ10VALT1G
10A
6.5
0.3
9.50
10
10.5
1.0
14.2
1.7
7.5
(VF = 1.1 V Max @ IF = 200 mA)
40 WATTS
Breakdown Voltage
VC @ IPP (Note 6.)
Device
VRWM
IR @ VRWM
VBR (Note 4.) (V)
@ IT
VC
IPP
QVBR
Device
Device
Marking
Volts
nA
Min
Nom
Max
mA
V
A
mV/
5C
LMBZ12VALT1G
12A
8.5
200
11.40
12
12.60
1.0
17
2.35
7.5
LMBZ15VALT1G
15A
12
50
14.25
15
15.75
1.0
21
1.9
12.3
LMBZ18VALT1G
18A
14.5
50
17.10
18
18.90
1.0
25
1.6
15.3
LMBZ20VALT1G
20A
17
50
19.00
20
21.00
1.0
28
1.4
17.2
LMBZ27VALT1G
27A
22
50
25.65
27
28.35
1.0
40
1.0
24.3
LMBZ33VALT1G
33A
26
50
31.35
33
34.65
1.0
46
0.87
30.4
4. VBR measured at pulse test current IT at an ambient temperature of 25°C.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC)
= 0.1 IZ(DC), with the AC frequency = 1.0 kHz.
6. Surge current waveform per Figure 5. and derate per Figure 6.
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G–3/7


Similar Part No. - LMBZ10VALT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBZ5221BLT1 LRC-LMBZ5221BLT1 Datasheet
97Kb / 6P
   ZENER VOLTAGE REGULATORS
LMBZ5221BLT1G LRC-LMBZ5221BLT1G Datasheet
152Kb / 6P
   Zener Voltage Regalators
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
logo
Leshan Radio Company
LMBZ5221BLT1G LRC-LMBZ5221BLT1G_15 Datasheet
146Kb / 6P
   Zener Voltage Regalators
LMBZ5221BLT3G LRC-LMBZ5221BLT3G Datasheet
152Kb / 6P
   Zener Voltage Regalators
More results

Similar Description - LMBZ10VALT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ5V6ALT1 ONSEMI-MMBZ5V6ALT1 Datasheet
70Kb / 8P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com