Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84113410 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 84113410
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84113410 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 84113410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84113410 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
6
Solid state relays
G range
For accessories see page 4/9 and 4/10
For dimensions see page 4/8
To order
s
Current from 10 to 90 A
s
Output voltages from 24 to 660 V~
s
Back-to-back SCRs
s
Input voltage 90-280 V
a c or 3-32 V c
s
Peak voltage up to 1200 V
s
Zero voltage or instantaneous switching
s
Input to output insulation voltage: 4000 V
s
Protection by RC filter
s
UL recognised and CSA approved
Version
Rating
Output voltages
Input voltages
Peak voltages
Part number
Thermal curves
G range, 24 • 280 V
a 10 A
G range, 36 • 530 V
a 10 A
G range, 24 • 280 V
a 25 A
20
16
12
8
4
3
6
9
12
10
20 30 40
50 60 70
2°C
/ W
3°C
/ W
4°C
/ W
5°C
/ W
8°C
/ W
6°C
/ W
7°C
/ W
10°C
/ W
20°C
/ W
95
100
105
110
115
120
80
0
On-state current (A)
Ambient temperature
(° C)
On-state current
(A)
Ambient temperature
(° C)
No heatsink
100
110
15
10
5
0
2
4
6
8 10 10 20 3040 5060 7080
C /
W
5°C
/ W
10
°C / W
120
510
15
20
1°C
/ W
4°C
/ W
3°C
/ W
10
20
30
0
10 203040506070 80
G range, 36 • 530 V
a, 48 • 660 V a 25 A
G range, 24 • 280 V
a 45 A
G range, 36 • 530 V
a, 48 • 660 V a 50 A
30
25
20
15
10
5
70
80
90
100
110
80
0
5
10
15
20
10 20 30 40
50 60 70
120
1°C
/ W
2°C
/ W
3°C
/ W
5°C
/ W
G range, 75 A
G range, 90 A
20
40
60
80
100
112
0 5
15 25
55 65
35 45
10 20 30 40 50 60 70 80
1°C
/ W
2
°C
/ W
5
15
25
35
45
55
65
75
85
95
105
115
125
135
0 1020 30 4050607080
10 20 30 40 50 60 70 80
1°C
/ W
1
°C /
W
2
°C
/ W
5
10
15
20
25
30
35
40
45
50
55
0
5 10 15 20 25 30 35 40
10 20 30 40 50 60 70 80
2°C
/ W
3°C
/ W
20
40
60
80
1°C
/ W
2
°C
/ W
0 5 10 15 20 25 30 35 40 45
10 20 30 40 50 60 70 80
On-state current (A)
Ambient temperature
(° C)
On-state current
(A)
Ambient temperature
(° C)
No heatsink
No heatsink
On-state current (A)
Ambient temperature
(° C)
On-state current (A)
Ambient temperature
(° C)
On-state current (A)
Ambient temperature
(° C)
On-state current (A)
Ambient temperature
(° C)
Zero voltage switching
10 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
36 • 530 V
a
3 • 32 V
c
1200 V
25 A
24 • 280 V
a
3 • 32 V
c
600 V
24 • 280 V
a
90 • 280 V
a c
600 V
36 • 530 V
a
3 • 32 V
c
1200 V
45 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
50 A
36 • 530 V
a
3 • 32 V
c
1200 V
90 • 280 V
a c
1200 V
48 • 660 V
a
3 • 32 V
c
1200 V
75 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
36 • 530 V
a
3 • 32 V
c
1200 V
90 A
36 • 530 V
a
3 • 32 V
c
1200 V
84 060 231
84 060 233
84 060 241
84 060 431
84 060 433
84 060 441
84 060 631
84 060 633
84 060 741
84 060 743
84 060 751
84 060 831
84 060 833
84 060 841
84 060 941


Similar Part No. - 84113410

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
84113610C WINCHESTER-84113610C Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84113610D WINCHESTER-84113610D Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84113610H WINCHESTER-84113610H Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84113611C WINCHESTER-84113611C Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84113611D WINCHESTER-84113611D Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
More results

Similar Description - 84113410

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com