Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1018EPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1018EPBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1018EPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF1018EPBF Datasheet HTML 1Page - International Rectifier IRF1018EPBF Datasheet HTML 2Page - International Rectifier IRF1018EPBF Datasheet HTML 3Page - International Rectifier IRF1018EPBF Datasheet HTML 4Page - International Rectifier IRF1018EPBF Datasheet HTML 5Page - International Rectifier IRF1018EPBF Datasheet HTML 6Page - International Rectifier IRF1018EPBF Datasheet HTML 7Page - International Rectifier IRF1018EPBF Datasheet HTML 8Page - International Rectifier IRF1018EPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2/28/08
Benefits
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche SOA
l Enhanced body diode dV/dt and dI/dt
Capability
www.irf.com
1
Applications
l High Efficiency Synchronous Rectification in
SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
HEXFET® Power MOSFET
S
D
G
PD - 97125
D2Pak
IRF1018ESPbF
TO-220AB
IRF1018EPbF
TO-262
IRF1018ESLPbF
S
D
G
S
D
G
S
D
G
D
D
D
GD
S
Gate
Drain
Source
IRF1018EPbF
IRF1018ESPbF
IRF1018ESLPbF
VDSS
60V
RDS(on) typ.
7.1m:
max.
8.4m:
ID
79A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
k
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.32
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
RθJA
Junction-to-Ambient, TO-220
j
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D
2Pak ij
–––
40
11
110
21
-55 to + 175
± 20
0.76
10lb
xin (1.1Nxm)
°C/W
300
Max.
79
56
315
88
47


Similar Part No. - IRF1018EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1018EPBF IRF-IRF1018EPBF Datasheet
435Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
IRF1018EPBF IRF-IRF1018EPBF_15 Datasheet
435Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRF1018EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com