Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8844 Datasheet(PDF) 9 Page - Analog Microelectronics

Part No. AME8844
Description  750mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8844 Datasheet(HTML) 9 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AME, Inc.
9
AME8844
750mA CMOS LDO
Rev.E.01
Load Step 40mA to 1.5A
Dropout Voltage vs. Load Current(2.5V)
Line Transient Response
Load Regulation vs. Temperature
Current Limit Response
AME8844BEQA VADJ vs. Temperature
Temperature (oC)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-45
-5
25
55
85
115
0
50
100
150
200
250
300
350
400
0.3
0.6
0.9
1.2
1.5
115 oC
85 oC
55 oC
25 oC
-5 oC
-45 oC
Load Current (A)
Temperature (oC)
1.235
1.236
1.237
1.238
1.239
1.240
1.241
1.242
1.243
1.244
-45
-5
25
55
85
115
Time (20mS/DIV)
C
IN = 4.7µF
C
OUT = 4.7µF
T
R = TF = 1µS
VOUT = 1.5V
0
Time 500
µS/DIV
0
C
IN = 4.7µF
C
OUT = 4.7µF
V
IN = 4.0V
V
OUT = 1.8V
Time 1mS/DIV
I
LIM
I
SC
0A
0V
V
IN = 5V
C
IN = 4.7µF
C
OUT = 4.7µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC1017150 mA Tiny CMOS LDO With Shutdown 1 2 3 4 5 MoreMicrochip Technology
AAT3236300mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
RT9169100 mA 4uA QUIESCENT CURRENT CMOS LDO REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
AP7217500mA CMOS LDO 1 2 3 4 5 MoreDiodes Incorporated
AME8841_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
TS9005600mA Low Noise CMOS LDO 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AME8807_01600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
CM2830_04300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn