Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8844 Datasheet(PDF) 5 Page - Analog Microelectronics

Part No. AME8844
Description  750mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8844 Datasheet(HTML) 5 Page - Analog Microelectronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AME, Inc.
5
AME8844
750mA CMOS LDO
Rev.E.01
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
oC
Junction Temperature Range
TJ
- 40 to 125
oC
Storage Temperature Range
TSTG
- 65 to 150
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B: 2000~3999V
Parameter
Maximum
Unit
Input Voltage
-0.3 to 8
V
EN Voltage
-0.3 to 8
V
Output Voltage
-0.3 to VIN + 0.3
V
PG Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance *
(Junction to Case)
θJC
100
Thermal Resistance
(Junction to Ambient)
θJA
206
Internal Power Dissipation
PD
625
mW
150
oC
350
oC
Maximum Junction Temperature
Solder Iron(10 Sec)**
MSOP-8
Conductive Epoxy
oC / W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC1017150 mA Tiny CMOS LDO With Shutdown 1 2 3 4 5 MoreMicrochip Technology
AAT3236300mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
RT9169100 mA 4uA QUIESCENT CURRENT CMOS LDO REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
AP7217500mA CMOS LDO 1 2 3 4 5 MoreDiodes Incorporated
AME8841_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
TS9005600mA Low Noise CMOS LDO 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AME8807_01600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
CM2830_04300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn