Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AME8844 Datasheet(PDF) 4 Page - Analog Microelectronics

Part No. AME8844
Description  750mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8844 Datasheet(HTML) 4 Page - Analog Microelectronics

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AME, Inc.
4
750mA CMOS LDO
AME8844
Rev.E.01
n Ordering Information
Note: yww represents the date code
* A line on top of the first character represents lead free plating such as 8844
Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8844AEQA150Z
8844
Lyww
1.50
MSOP-8
- 40
oC to 85oC
AME8844AEQA180
8844
Myww
1.80
MSOP-8
- 40
oC to 85oC
AME8844AEQA180Z
8844
Myww
1.80
MSOP-8
- 40
oC to 85oC
AME8844AEQA250Z
8844
Dyww
2.50
MSOP-8
- 40
oC to 85oC
AME8844AEQA330Z
8844
Ayww
3.30
MSOP-8
- 40
oC to 85oC
AME8844BEQAADJ
8844
Byww
ADJ
MSOP-8
- 40
oC to 85oC
AME8844BEQAADJZ
8844
Byww
ADJ
MSOP-8
- 40
oC to 85oC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC1017150 mA Tiny CMOS LDO With Shutdown 1 2 3 4 5 MoreMicrochip Technology
AAT3236300mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
RT9169100 mA 4uA QUIESCENT CURRENT CMOS LDO REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
AP7217500mA CMOS LDO 1 2 3 4 5 MoreDiodes Incorporated
AME8841_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
TS9005600mA Low Noise CMOS LDO 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AME8807_01600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
CM2830_04300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn