Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXO-35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IQXO-35
Description  Industrial Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQXO-35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IQXO-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers IQXO-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXO-35, -36 Industrial Oscillator
ISSUE 5; 19 OCTOBER 1999
Delivery Options
I
Please contact our sales office for current leadtimes
Output Compatibility
I
HCMOS/TTL
I
Drive Capability: 50pF or 10TTL
I
Non tri-state (IQXO-35)
I
Tri-state (IQXO-36)
Package Outline
I
8-pin DIL compatible resistance welded enclosure,
hermetically sealed with glass to metal seals and high
environmental performance
Standard Frequency Stabilities
I
±25ppm, ±50ppm, ±100ppm
(over operating temperature range)
Frequency Tolerance @ 25°C (Optional)
I
±5ppm, ±10ppm, ±25ppm
Operating Temperature Range
I
–40 to 85°C
Storage Temperature Range
I
–55 to 125°C
Environmental Specification
I
Acceleration: 490m/s2 for 1 minute in the ‘Y1’ plane
I
Bump: 4000 bumps at 390m/s2 in each of the three
mutually perpendicular planes
I
Hermetic Seal: not to exceed 1 x
10-8 mBar litres of
Helium leakage
I
Humidity: steady state: in accordance with test Ca of
IEC 60068-2-3, for 56 days at 40°C at a relative humidity
of 93%, cyclic: in accordance with test Db variant of
IEC 60068-2-30, at severity b), 55°C for six cycles
I
Shock: 981m/s2 for 6ms, three shocks in each direction
along the three mutually perpendicular planes
I
Solderability: BS2011 test TA
I
Rapid
Change
of
Temperature
over
Operating
Temperature Range: 10 cycles.
I
Vibration: 10 to 60Hz 0.75mm displacement, 60 to 2000Hz
98.1m/s2 acceleration, 30 minutes in each of three
mutually perpendicular planes
Outline in mm
Output Waveform - HCMOS/TTL
11.8
7.62SQ
14
8
5
Pin connections
1. N/C or Enable/Disable.
4. GND
5. Output
8. +Vs
∅0.5
13.20
Tri-state Operation (IQXO-36)
I
Logic ‘0’ to pin 1 disables oscillator output; when
disabled the oscillator output goes to the high
impedance state
I
No connection or Logic ‘1’ to pin enables oscillator
output
I
Maximum ‘pull-down’ resistance required to disable
output = 20k
I
Disable current 50µA typical
Marking
I
Model number
I
Frequency Stability Code
I
Frequency Tolerance Code (Optional)
I
Frequency
I
Date Code (Year/Week)
Minimum Order Information Required
I
Frequency + Model Number + Frequency Stability
tr
tf
t
T
90%Vs
10%Vs
50%Vs
0V
+Vs
2.4V
0.4V
Duty cycle = t x 100(%)
T
1.4V
48


Similar Part No. - IQXO-35

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-35 IQD-IQXO-35 Datasheet
996Kb / 2P
   Crystal Clock Oscillator Specification
logo
List of Unclassifed Man...
IQXO-350 ETC1-IQXO-350 Datasheet
99Kb / 2P
   Commercial Oscillator
More results

Similar Description - IQXO-35

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CW40-000H3 CPI-3CW40-000H3 Datasheet
88Kb / 1P
   RF Industrial oscillator
3CW45-000H3 CPI-3CW45-000H3 Datasheet
89Kb / 1P
   RF Industrial oscillator
3CX2500H3 CPI-3CX2500H3 Datasheet
88Kb / 1P
   RF Industrial oscillator
3CW150-000H3 CPI-3CW150-000H3 Datasheet
87Kb / 1P
   RF Industrial Oscillator
3CX2500A3 CPI-3CX2500A3 Datasheet
90Kb / 1P
   RF Industrial oscillator
3CX2500F3 CPI-3CX2500F3 Datasheet
88Kb / 1P
   RF Industrial Oscillator
3CX1000A3 CPI-3CX1000A3 Datasheet
93Kb / 1P
   RF Industrial oscillator
3CX1500D3 CPI-3CX1500D3 Datasheet
128Kb / 1P
   RF Industrial oscillator or amplifier
3CW7000H3 CPI-3CW7000H3 Datasheet
88Kb / 1P
   RF industrial oscillator or amplifier
3CX20-000H3 CPI-3CX20-000H3 Datasheet
99Kb / 1P
   RF Industrial oscillator or amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com