Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4006C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM4006C
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4006C Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM4006C Datasheet HTML 1Page - Rectron Semiconductor FM4006C Datasheet HTML 2Page - Rectron Semiconductor FM4006C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM4001C
THRU
FM4007C
DO-214AB
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SURFACE MOUNT
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
GLASS PASSIVATED SILICON RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2. Thermal resistance junction to terminal 6.0mm2 coppeer pads to each terminal.
3. Thermal resistance junction to ambient, 6.0mm2 coppeer pads to each terminal.
Dimensions in inches and (millimeters)
2002-6
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 75
oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
1.0
30
100
-55 to + 150
0 C/ W
pF
0 C
UNITS
Volts
Volts
Maximum Thermal Resistance
FM4001C
FM4003C
FM4002C
FM4004C
FM4006C
FM4005C
FM4007C
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
60
Volts
Amps
15
0 C/ W
(Note 2) R
θJL
(Note 3) R
θJA
CHARACTERISTICS
VF
SYMBOL
IR
1.1
30
100
uAmps
uAmps
Maximum Full Load Reverse Current,
Maximum Forward Voltage at 1.0A DC
Volts
UNITS
Maximum DC Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
FM4001C
FM4003C
FM4002C
FM4004C
FM4006C
FM4005C
FM4007C
5.0
Full cycle Average at TA=75
oC
uAmps
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.006 (0.152)
0.012 (0.305)
0.008 (0.203)
0.004 (0.102)
0.320 (8.13)
0.305 (7.75)
0.030 (0.76)
0.060 (1.52)
0.079 (2.06)
0.103 (2.62)
0.260 (6.60)
0.280 (7.11)
0.220 (5.59)
0.245 (6.22)
0.125 (3.17)
0.115 (2.92)


Similar Part No. - FM4006C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4006 RECTRON-FM4006 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4006 FORMOSA-FM4006 Datasheet
67Kb / 2P
   Glass passivated type
FM4006 FORMOSA-FM4006 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4006 FORMOSA-FM4006 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4006 PACELEADER-FM4006 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Similar Description - FM4006C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001 RECTRON-FM4001_09 Datasheet
460Kb / 9P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
SM4001 RECTRON-SM4001_07 Datasheet
303Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HFM101L RECTRON-HFM101L Datasheet
332Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HSM101 RECTRON-HSM101 Datasheet
275Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FFM101 RECTRON-FFM101 Datasheet
33Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com