Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE0052S1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XE0052S1
Description  Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XE0052S1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  XE0052S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE0052S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE0052S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE0052S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE0052S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE0052S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE0052S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
XECOM
(6)
XE0052S1
When developing a product to be connected to the telephone line, it is necessary to use a circuit described as a Data Access
Arrangement (DAA) which is approved by the appropriate governmental agency. In the US, for example, this agency is the Federal
Communications Commission (FCC), while in Canada it is the Department of Communications (DOC). These agencies test and
approve the product to ensure that it meets their specifications, thereby protecting the telephone system from damage and
protecting the user from high voltage transients (such as lightning strikes) which may come down the telephone line.
The XE0052S1 has been designed to meet all FCC Part 68 requirements for hazardous voltage, surge protection and leakage
current. If the system developed transmits data, or DTMF tones on the telephone line, the user must certify that the signals
transmitted meet basic FCC requirements for maximum transmission levels, out of band energy and billing delay. Full details may
be obtained from the FCC under Part 68 of the FCC Rules and Regulations, or in Title 47 of the Code of Federal Regulations,
however the basic requirements are as follows:
1. Maximum Transmit Level
For the normal “permissive” (standard) telephone line, equipment which transmits data (such as a modem) must not exceed a
transmission level of -9 dBm.
2. Out of Band Energy
Data equipment must not transmit “out of band” energy on the telephone line which exceeds the following limits:
Frequency
Range
Max. Power
200Hz
to
3990Hz
-9 dBm
3990Hz
to
4005Hz
-27 dBm
4005Hz
to
16kHz
-16 dBm
8kHz
to
94kHz
-47 dBm
86kHz
to
270kHz
-46 dBm
270kHz
to
6MHz
-6 dBm
3. DTMF Transmission Level
If the system is capable of DTMF dialing, the maximum DTMF transmission level must be less than 0 dBm averaged over a 3
second interval.
4. Billing Delay
A delay of 2 seconds or greater is required after the time the XE0052S1 is taken “off hook” and before any information is
transmitted. This is required to ensure that billing information may be exchanged between telephone company central offices
without interference.
The user of the XE0052S1 must certify to the FCC that the final system meets the requirements of Part 68 which include the criteria
above as well as the high voltage protection provided by the XE0052S1. This is generally accomplished through an independent
testing lab which tesst the System and submits the proper paperwork to the FCC for approval. Since the XE0052S1 already
complies with FCC Part 68 rules, this is a relatively simple process.
XE0052S1 FCC Instructions


Similar Part No. - XE0052S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0052S1 ETC1-XE0052S1 Datasheet
32Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
More results

Similar Description - XE0052S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0052S ETC1-XE0052S Datasheet
32Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
XE0204 ETC-XE0204 Datasheet
39Kb / 8P
   2-Wire/4-Wire Telephone Line Interface
XE0017 ETC-XE0017 Datasheet
28Kb / 6P
   Low-Profile, V.34 Compatible Telephone Line Interface
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
XE0002B ETC-XE0002B Datasheet
161Kb / 8P
   DAA with 2/4 Wire Hybrid
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Bel Fuse Inc.
0803-6500-04 BEL-0803-6500-04 Datasheet
82Kb / 2P
   Slim Line Hybrid for IDT
0803-6500-20 BEL-0803-6500-20 Datasheet
324Kb / 2P
   Slim Line Hybrid for Infineon
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com