Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS5003 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS5003
Description  Secure Microprocessor Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5003 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS5003 Datasheet HTML 1Page - Maxim Integrated Products DS5003 Datasheet HTML 2Page - Maxim Integrated Products DS5003 Datasheet HTML 3Page - Maxim Integrated Products DS5003 Datasheet HTML 4Page - Maxim Integrated Products DS5003 Datasheet HTML 5Page - Maxim Integrated Products DS5003 Datasheet HTML 6Page - Maxim Integrated Products DS5003 Datasheet HTML 7Page - Maxim Integrated Products DS5003 Datasheet HTML 8Page - Maxim Integrated Products DS5003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Secure Microprocessor Chip
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
(VCC = 5V ±10%, TA = 0°C to +70°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin
Relative to Ground..................................-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative
to Ground ..........................................................-0.3V to +6.0V
Operating Temperature Range.............................40°C to +85°C
Storage Temperature* .......................................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
VCC
(Note 1)
VCCMIN
5.5
V
Minimum Operating Voltage
VCCMIN
0°C to +70°C (Note 1)
4.00
4.12
4.25
V
Power-Fail Warning Voltage
VPFW
0°C to +70°C (Note 1)
4.25
4.37
4.50
V
Lithium Supply Voltage
VLI
(Note 1)
2.5
4.0
V
Operating Current at 16MHz
ICC
(Note 2)
36
mA
Idle-Mode Current at 12MHz
IIDLE
0°C to +70°C (Note 3)
7.0
mA
Stop-Mode Current
ISTOP
(Note 4)
80
μA
Pin Capacitance
CIN
(Note 5)
10
pF
Output Supply Voltage (VCCO)
VCCO1
(Notes 1, 2)
VCC -
0.45
V
Output Supply Battery-Backed
Mode (VCCO, CE1–CE4, PE1,
PE2)
VCCO2
0°C to +70°C (Notes 1, 6)
VLI -
0.65
V
Output Supply Current (Note 7)
ICCO1
VCCO = VCC - 0.45V
75
mA
Lithium-Backed Quiescent
Current (Note 8)
ILI
0°C to +70°C
5
75
nA
BAT = 3.0V (0°C to +70°C) (Note 1)
4.00
4.25
Reset Trip Point in Stop Mode
BAT = 3.3V (0°C to +70°C) (Note 1)
4.40
4.65
V
Input Low Voltage
VIL
(Note 1)
-0.3
+0.8
V
Input High Voltage
VIH1
(Note 1)
2.0
VCC +
0.3
V
Input High Voltage
(RST, XTAL1, PROG)
VIH2
(Note 1)
3.5
VCC +
0.3
V
Output Low Voltage at
IOL = 1.6mA (Ports 1, 2, 3, PF)
VOL1
(Notes 1, 9)
0.15
0.45
V
*Storage temperature is defined as the temperature of the device when VCC = 0V and VLI = 0V. In this state, the contents of SRAM
are not battery backed and are undefined.
Note: The DS5003 adheres to all AC and DC electrical specifications published for the DS5002FP.


Similar Part No. - DS5003

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS500-N111 SICK-DS500-N111 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-N211 SICK-DS500-N211 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-N311 SICK-DS500-N311 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-N411 SICK-DS500-N411 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-N511 SICK-DS500-N511 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DS5003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS5002 MAXIM-DS5002 Datasheet
1Mb / 25P
   Secure Microprocessor Chip
REV: 072806
logo
Dallas Semiconductor
DS5002FP DALLAS-DS5002FP_1 Datasheet
447Kb / 29P
   Secure Microprocessor Chip
DS5002FP DALLAS-DS5002FP_06 Datasheet
1Mb / 25P
   Secure Microprocessor Chip
DS5002FP DALLAS-DS5002FP Datasheet
445Kb / 25P
   Secure Microprocessor Chip
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
List of Unclassifed Man...
R6501 ETC-R6501 Datasheet
2Mb / 35P
   ONE CHIP MICROPROCESSOR
logo
Maxim Integrated Produc...
DS5000FP MAXIM-DS5000FP Datasheet
615Kb / 22P
   Soft Microprocessor Chip
REV: 070605
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP Datasheet
434Kb / 22P
   Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP_05 Datasheet
615Kb / 22P
   Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP_1 Datasheet
364Kb / 22P
   Soft Microprocessor Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com