Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHF1401KSO2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHF1401KSO2
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401KSO2 Datasheet(HTML) 3 Page - STMicroelectronics

  RHF1401KSO2 Datasheet HTML 1Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 2Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 3Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 4Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 5Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 6Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 7Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 8Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
RHF1401
List of figures
3/29
List of figures
Figure 1.
RHF1401 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
S0-48 pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 3.
Timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Linearity vs. Fin, internal references, Fs = 20 MHz, Icca = 40 mA . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Linearity vs. Fin, external references (REFP = 1 V), Fs =20 MHz, Icca= 28 mA . . . . . . . . 12
Figure 6.
Distortion vs. Fin, internal refs, Fs =20 MHz, Icca = 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
Distortion vs. Fin, external ref, (REFP = 1 V) Fs = 20 MHz; Icca = 28 mA . . . . . . . . . . . . . 12
Figure 8.
2nd & 3rd harmonics vs. Fin, internal refs, Fs = 20 MHz; Icca = 40 mA. . . . . . . . . . . . . . . . . 13
Figure 9.
2nd & 3rd harmonics vs. Fin, external ref REFP=1 V, Fs=20MHz; Icca=28mA . . . . . . . . . . . 13
Figure 10.
Single-tone 16K FFT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Single-tone 16K FFT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
SFDR vs. input amplitude . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Static parameter: differential non linearity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
Static parameter: integral non linearity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 15.
Linearity vs. REFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 16.
Distortion vs. REFP(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 17.
External reference setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 18.
Linearity vs. Fs. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 19.
Distortion vs. Fs
(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 20.
ADC input equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 21.
Differential input configuration with transformer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 22.
AC-coupled differential input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 23.
Analog current consumption vs. Fs according to value of Rpol polarization resistances:
internal references (for Fin < 10MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
Impact of clock frequency on RHF1401 performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 25.
CLK signal derivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 26.
SO-48 package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26


Similar Part No. - RHF1401KSO2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401_12 Datasheet
3Mb / 42P
   Rad-hard 14-bit 30 Msps A/D converter
More results

Similar Description - RHF1401KSO2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
   14-BIT, 20MSPS, 85mW A/D CONVERTER
RHF1401 STMICROELECTRONICS-RHF1401_12 Datasheet
3Mb / 42P
   Rad-hard 14-bit 30 Msps A/D converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
   Rad-hard 12-bit 50 Msps A/D converter
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com