Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F87X Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F87X
Description  EEPROM Memory Programming Specification
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F87X_02 Datasheet HTML 1Page - Microchip Technology PIC16F87X_02 Datasheet HTML 2Page - Microchip Technology PIC16F87X_02 Datasheet HTML 3Page - Microchip Technology PIC16F87X_02 Datasheet HTML 4Page - Microchip Technology PIC16F87X_02 Datasheet HTML 5Page - Microchip Technology PIC16F87X_02 Datasheet HTML 6Page - Microchip Technology PIC16F87X_02 Datasheet HTML 7Page - Microchip Technology PIC16F87X_02 Datasheet HTML 8Page - Microchip Technology PIC16F87X_02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2002 Microchip Technology Inc.
DS39025F-page 1
M
PIC16F87X
This document includes the programming
specifications for the following devices:
1.0
PROGRAMMING THE
PIC16F87X
The PIC16F87X is programmed using a serial method.
The Serial mode will allow the PIC16F87X to be pro-
grammed while in the user’s system. This allows for
increased design flexibility. This programming specifi-
cation applies to PIC16F87X devices in all packages.
1.1
Programming Algorithm
Requirements
The programming algorithm used depends on the
operating voltage (VDD) of the PIC16F87X device.
Algorithm
1
is
designed
for
a
VDD
range
of
2.2V
≤ VDD < 5.5V. Algorithm 2 is for a range of
4.5V
≤ VDD ≤ 5.5V. Either algorithm can be used with
the two available programming entry methods. The first
method follows the normal Microchip Programming
mode entry of applying a VPP voltage of 13V ± .5V. The
second method, called Low Voltage ICSPTM or LVP for
short, applies VDD to MCLR and uses the I/O pin RB3
to enter Programming mode. When RB3 is driven to
VDD from ground, the PIC16F87X device enters
Programming mode.
1.2
Programming Mode
The Programming mode for the PIC16F87X allows pro-
gramming of user program memory, data memory, spe-
cial locations used for ID, and the configuration word.
Pin Diagram
•PIC16F870
•PIC16F874
•PIC16F871
•PIC16F876
•PIC16F872
•PIC16F877
•PIC16F873
PDIP, SOIC
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RD7/PSP7
RD6/PSP6
RD5/PSP5
RD4/PSP4
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
RD3/PSP3
RD2/PSP2
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2
/VREF
RA3/AN3/VREF
RA4/T0CKI
RA5/AN4/SS
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/CCP1
RC3/SCK/SCL
RD0/PSP0
RD1/PSP1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
10
11
2
3
4
5
6
1
8
7
9
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
22
21
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2/VREF
RA3/AN3/VREF
RA4/T0CKI
RA5/AN4/SS
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/CCP1
RC3/SCK/SCL
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
EEPROM Memory Programming Specification


Similar Part No. - PIC16F87X_02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X-04EL MICROCHIP-PIC16F87X-04EL Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F87X-04EP MICROCHIP-PIC16F87X-04EP Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F87X-04EPQ MICROCHIP-PIC16F87X-04EPQ Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F87X-04EPT MICROCHIP-PIC16F87X-04EPT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F87X-04ESO MICROCHIP-PIC16F87X-04ESO Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results

Similar Description - PIC16F87X_02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
PIC16LF145X MICROCHIP-PIC16LF145X Datasheet
495Kb / 38P
   PIC16(L)F145X Memory Programming Specification
11/29/11 2011-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com