Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24AA02TDI-3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT24AA02TDI-3
Description  1-Kb and 2-Kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AA02TDI-3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24AA02TDI-3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 10Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 11Page - Catalyst Semiconductor CAT24AA02TDI-3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT24AA01, CAT24AA02
Doc. No. MD-1120 Rev. B
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Read
To read data from memory, the Master creates a
START condition on the bus and then broadcasts a
Slave address with the R/W
¯¯ bit set to ‘1’. The Slave
responds with ACK and starts shifting out data
residing at the current address. After receiving the
data, the Master responds with NoACK and
terminates the session by creating a STOP condition
on the bus (Figure 9). The Slave then returns to
Standby mode.
Selective Read
To read data residing at a specific address, the
selected address must first be loaded into the internal
address register. This is done by starting a Byte Write
sequence, whereby the Master creates a START
condition, then broadcasts a Slave address with the
R/W
¯¯ bit set to ‘0’ and then sends an address byte to
the Slave. Rather than completing the Byte Write
sequence by sending data, the Master then creates a
START condition and broadcasts a Slave address
with the R/W
¯¯ bit set to ‘1’. The Slave responds with
ACK after every byte sent by the Master and then
sends out data residing at the selected address. After
receiving the data, the Master responds with NoACK
and then terminates the session by creating a STOP
condition on the bus (Figure 10).
Sequential Read
If, after receiving data sent by the Slave, the Master
responds with ACK, then the Slave will continue
transmitting until the Master responds with NoACK
followed by STOP (Figure 11). During Sequential
Read the internal byte address is automatically
incremented up to the end of memory, where it then
wraps around to the beginning of memory. For the
CAT24AA01, the internal address counter will not
wrap around at the end of the 128 byte memory
space.


Similar Part No. - CAT24AA02TDI-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24AA02TDI-GT10 ONSEMI-CAT24AA02TDI-GT10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA02TDI-GT3 ONSEMI-CAT24AA02TDI-GT3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA02TDI-GT3 ONSEMI-CAT24AA02TDI-GT3 Datasheet
219Kb / 11P
   EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT24AA02TDI-T10 ONSEMI-CAT24AA02TDI-T10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA02TDI-T3 ONSEMI-CAT24AA02TDI-T3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results

Similar Description - CAT24AA02TDI-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com