Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5544 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5544_04 Datasheet HTML 12Page - Analog Devices AD5544_04 Datasheet HTML 13Page - Analog Devices AD5544_04 Datasheet HTML 14Page - Analog Devices AD5544_04 Datasheet HTML 15Page - Analog Devices AD5544_04 Datasheet HTML 16Page - Analog Devices AD5544_04 Datasheet HTML 17Page - Analog Devices AD5544_04 Datasheet HTML 18Page - Analog Devices AD5544_04 Datasheet HTML 19Page - Analog Devices AD5544_04 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5544/AD5554
Rev. A | Page 18 of 20
OUTLINE DIMENSIONS
0.25
0.09
0.95
0.75
0.55
0.05
MIN
1.85
1.75
1.65
2.00 MAX
0.38
0.22
SEATING
PLANE
0.65
BSC
0.10
COPLANARITY
28
15
14
1
10.50
10.20
9.90
5.60
5.30
5.00
8.20
7.80
7.40
COMPLIANT TO JEDEC STANDARDS MO-150AH
Figure 34. 28-Lead SSOP
(RS-28)
Dimensions Shown in Inches and (Millimeters)
ORDERING GUIDE
Model
RES Bit
INL LSB
DNL LSB
Temperature Range
Package Description
Package Option
AD5544ARS
16
±4
±1.5
–40°C to +85°C
SSOP-28
RS-28
AD5554BRS
14
±1
±1
–40°C to +85°C
SSOP-28
RS-28
AD5544EVAL
Evaluation Board


Similar Part No. - AD5544_04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544ACPZ-1-RL7 AD-AD5544ACPZ-1-RL7 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

Similar Description - AD5544_04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com