Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2056220 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2056220
Description  FUSES FOR SEMICONDUCTOR PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2056220 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2056220 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2056220 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2056220 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2056220 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2056220 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
URB
URB 7
FUSES
Rated
Part No.
Weight
Pack
current
Topindicator and
(kg/100)
fitting for microswitch
32 A
20 412 20
21
3
35 A
20 412 20
21
3
40 A
20 412 20
21
3
50 A
20 412 20
21
3
63 A
20 412 20
21
3
80 A
20 412 20
21
3
100 A
20 412 20
21
3
125 A
20 412 20
21
3
160 A
20 412 20

21
3
200 A
20 412 20

21
3
250 A
20 412 20

21
3
315 A
20 412 20

21
3
350 A
20 412 20

21
3
400 A
20 412 20
21
3
Size
Rated voltage
Standard
00
AC 690/700 V
DIN 43653
A
2.17 ” (55 mm)
B
1.13 ” (28.8 mm)
C
0.40 ” (10.3 mm)
D
1.16 ” (29.5 mm)
E
3.07 ” (78 mm)
F
0.10 ” (2.5 mm)
G
2.48 ” (63 mm)
H
3.15 ” (80 mm)
I
1.54 ” (39 mm)
L
(max)
4.13 ” (105 mm)
FUSES FOR SEMICONDUCTOR PROTECTION
EUROPEAN STANDARD
SIZES 000 AND 00


Similar Part No. - 2056220

ManufacturerPart #DatasheetDescription
logo
SICK AG
2056250 SICK-2056250 Datasheet
268Kb / 4P
   Plug connector cable
More results

Similar Description - 2056220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com