Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT7806-40DL Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT7806-40DL
Description  256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7806-40DL Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT7806-40DL Datasheet HTML 1Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 2Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 3Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 4Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 5Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 6Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 7Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 8Page - Texas Instruments SN74ACT7806-40DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74ACT7806
256
× 18
STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS438C – APRIL 1992 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
A low level on the reset (RESET) input resets the internal stack pointers and sets FULL high, HF low, and
EMPTY low. The Q outputs are not reset to any specific logic level. The FIFO must be reset upon power up.The
first word loaded into empty memory causes EMPTY to go high and the data to appear on the Q outputs. It is
important to note that the first word does not have to be unloaded. The data outputs are noninverting with respect
to the data inputs and are in the high-impedance state when the output-enable (OE) input is high.
The SN74ACT7806 is characterized for operation from 0
°C to 70°C.
logic symbol
0
21
D0
20
D1
19
D2
18
D3
17
D4
16
D5
15
D6
14
D7
12
D8
Q0
33
0
Q1
34
Q2
36
Q3
37
Q4
38
28
FULL
HF
22
HALF-FULL
AF/AE
24
ALMOST FULL/EMPTY
29
EMPTY
Q5
40
Q6
41
Q7
42
Q8
43
Data
1
Φ
FIFO 256
× 18
SN74ACT7806
11
D9
9
D10
8
D11
7
D12
6
D13
5
D14
4
D15
3
D16
17
2
D17
Q9
45
Q10
46
Q11
47
Q12
48
Q13
49
Q14
51
Q15
53
Q16
54
Q17
55
17
RESET
OE
PEN
RESET
1
25
LDCK
LDCK
Data
PROGRAM ENABLE
23
EN1
56
32
UNCK
UNCK
EMPTY
FULL
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


Similar Part No. - SN74ACT7806-40DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806DL TI-SN74ACT7806DL Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7806-40DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802_06 Datasheet
224Kb / 15P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com