Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-65612 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. PE-65612
Description  TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65612 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-65612 Datasheet HTML 1Page - Pulse A Technitrol Company PE-65612 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard
RoHS-6
Turns
Primary
LL
Rise Time
ET
Isolation
Bandwidth
Return Loss
Part
Compliant
Ratio
Inductance
(µH)
(nsec)
(V-µsec)
(Vrms)
(100 KHz- 55 MHz)
(100kHz-10MHz)
Schematic
Number
Part No.
(±5%)
(mH ±20%)
MAX
MAX
MIN
MIN
TYP
MIN
PE-65612
PE-65612NL
1:1
2.5
.50
25
20
2000
3 dB
20 dB
THT
PE-65812
PE-65812NL
1:1
2.5
.50
25
20
2000
3 dB
20 dB
SMT
TRANSFORMERS FOR DIGITAL
AUDIO DATA TRANSMISSION
For Use with Cirrus Logic’s CS8401,
CS8402, CS8403 & CS8404 ICs
Mechanicals
Schematics
Operating transmission rates: 1 to 7 Mbps
Controlled rise time: 25 nsec MAX
High isolation voltage: 2 kV MIN
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
80
70
60
50
40
30
20
10
0
0.1
1
3
6
10
30
MHZ
dB
Common Mode Rejection
.030
0,76
PE-65812
DATE CODE
85
14
.100
2,54
.475 MAX
12,06
SUGGESTED PAD LAYOUT
.300
7,62
.640
16,26
.400
10,16
.120
3,05
.050 TYP
1,27
.100 TYP
2,54
.475
12,06
MAX
.400
10,16
MAX
.600
15,24
MAX
.340
8,64
MAX
.040 / .050
1,02 / 1,27
.004/0,10
.010 / .020
0,25 / 0,51
.085
2,16
Leads are
24 AWG-solderable
2
1
4
3
PE-65612
DATE CODE
.120
3,05
.500
MAX
12,70
.350
8,89
.250
MAX
6,35
.200
5,08
.400
10,16
PE-65612
PE-65812
Weight . . . . . . . . . .1.2 grams . . . . . .2.0 grams
Tape & Reel . . . . . . . . . . . .NA . . . . . . . .250/reel
Tube . . . . . . . . . . . . . .60/tube . . . . . . . .30/tube
Dimensions: Inches
mm
Unless otherwise specified all tolerances are ±.010
0,25
24
13
1
8
4
5
PE-65612
PE-65812
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
P601.D (2/06)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn