Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

V436616R24VL Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part No. V436616R24VL
Description  128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V436616R24VL Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V436616R24V(L)
5
V436616R24V(L) Rev.1.0 November 2001
DC Characteristics
TA =0°Cto70°C; VSS =0V; VDD,VDDQ =3.3V ± 0.3V
31
Module Bank Density (Per Bank)
128 MByte
20
32
SDRAM Input Setup Time
1.5 ns
15
33
SDRAM Input Hold Time
0.8 ns
08
34
SDRAM Data Input Setup Time
1.5 ns
15
35
SDRAM Data Input Hold Time
0.8 ns
08
62-61
Superset Information (May be used in Future)
00
62
SPD Revision
Revision 2.0
02
63
Checksum for Bytes 0 - 62
29
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V436616R24V(L)
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
126
Intel Specification for Frequency
64
127
Supported Features
8D
128+
Unused Storage Location
00
Symbol
Parameter
Limit Values
Unit
Min.
Max.
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
–0.5
0.8
V
VOH
Output High Voltage (IOUT = –2.0 mA)
2.4
V
VOL
Output Low Voltage (IOUT =2.0 mA)
0.4
V
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–40
40
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT <VCC)
–40
40
µA
SPD-Table: (Continued)
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn