Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAF1010RJ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HAF1010RJ
Description  Silicon P Channel MOS FET Series Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1010RJ Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAF1010RJ Datasheet HTML 1Page - Renesas Technology Corp HAF1010RJ Datasheet HTML 2Page - Renesas Technology Corp HAF1010RJ Datasheet HTML 3Page - Renesas Technology Corp HAF1010RJ Datasheet HTML 4Page - Renesas Technology Corp HAF1010RJ Datasheet HTML 5Page - Renesas Technology Corp HAF1010RJ Datasheet HTML 6Page - Renesas Technology Corp HAF1010RJ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HAF1010RJ
Rev.1.00,
Mar.03.2005,
page 6 of 6
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DA
PRSP0008DD-A
RENESAS Code
JEITA Package Code
Package Name
8
5
1
4
bp
Terminal cross section
b1
1.27
1.08
0.40
L1
0.60
0.25
x
0.50
0.42
0.34
0.10
bp
b1
c1
0.25
0.22
0.40
0.20
0.19
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
8
°
0
°
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
Index mark
y
L1
L
Detail F
2.
1.
DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Ordering Information
Part Name
Quantity
Shipping Container
HAF1010RJ
2500 pcs/ Reel
Embossed tape (Reel)
Note: For some grades, production may be terminated.
Please contact the Renesas sales office to check the state of production before ordering the product.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn