Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP75R12KT3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FP75R12KT3
Description   IGBT-inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP75R12KT3 Datasheet(HTML) 2 Page - eupec GmbH

  FP75R12KT3 Datasheet HTML 1Page - eupec GmbH FP75R12KT3 Datasheet HTML 2Page - eupec GmbH FP75R12KT3 Datasheet HTML 3Page - eupec GmbH FP75R12KT3 Datasheet HTML 4Page - eupec GmbH FP75R12KT3 Datasheet HTML 5Page - eupec GmbH FP75R12KT3 Datasheet HTML 6Page - eupec GmbH FP75R12KT3 Datasheet HTML 7Page - eupec GmbH FP75R12KT3 Datasheet HTML 8Page - eupec GmbH FP75R12KT3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Technische Information / technical information
FP75R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
6
$
!
$
%&' ( )*+
,99:
0
,
1
$
#
1+
<
2c
)
6
#
!
<
7 ( 0 #
2c9:
0)
;
$
2d
,9 (
,8 7 ( 0 # 8 %&' ( 0 )*+
2d
0
d
Charakteristische Werte / characteristic values
#
# B
1
$
<
$
2c ( )
8 ,?. (
,8 %&' ( )*+
2c ( )
8 ,?. (
,8 %&' ( 0 )*+
,c
08H)
08H)
80)
,
,
Q !
#
!
2c ( )
8
cA
(
AJ
,9 ( H
,8 ,?. ( 0) ,8 %&' ( )*+
,9 ( H
,8 ,?. ( 0) ,8 %&' ( 0 )*+
29:
8
H8
T$
$
$
$
2c ( )
8
cA
(
AJ
,9 ( H
,8 ,?. ( 0) ,8 %&' ( )*+
,9 ( H
,8 ,?. ( 0) ,8 %&' ( 0 )*+
IR
F8
0H8)
J+
J+
$
6
$
2c ( )
8
cA
(
AJ
,9 ( H
,8 ,?. ( 0) ,8 %&' ( )*+
,9 ( H
,8 ,?. ( 0) ,8 %&' ( 0 )*+
"ROe
8
H8)
#[
#[
2
>C # <
#
8 `
1
=Gb-
8)
A>
Diode-Gleichrichter / diode-rectifier
Höchstzulässige Werte / maximum rated values
6
Q !<
$
!
$
%&' ( )*+
,99:
0H
,
1
# ;
!
<
1
<
M
# B # #
%- (
*+
2c9:/:
00)
;
$
$ ;
!
#
# B # #
M
%- (
*+
29:/:
\
# ;
<
$
<
f ( 0 # 8 %&' ( )*+
f ( 0 # 8 %&' ( 0) *+
2c/:
)
S
;
$
2d
f ( 0 # 8 %&' ( )*+
f ( 0 # 8 %&' ( 0) *+
2d
0 )
d
d
Charakteristische Werte / characteristic values
#
# B
1
$
<
$
%&' ( 0) *+8 2c ( )
,c
080
,
#
%&' ( 0) *+8 ,9 ( 0H
,
29
8
#
2
>C # <
#
8 `
1
=Gb-
8H)
A>


Similar Part No. - FP75R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FP75R12KT3 EUPEC-FP75R12KT3 Datasheet
359Kb / 11P
   EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FP75R12KT3 INFINEON-FP75R12KT3 Datasheet
572Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:3.0
logo
eupec GmbH
FP75R12KT3 EUPEC-FP75R12KT3_05 Datasheet
359Kb / 11P
   EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results

Similar Description - FP75R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1600R17KE3 EUPEC-FZ1600R17KE3 Datasheet
255Kb / 8P
   IGBT-inverter
FF200R33KF2C EUPEC-FF200R33KF2C Datasheet
291Kb / 8P
   IGBT-inverter
F4-50R12KS4 EUPEC-F4-50R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
F4-75R12KS4 EUPEC-F4-75R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
FP25R12KT3 EUPEC-FP25R12KT3 Datasheet
389Kb / 11P
   IGBT-inverter
FF800R17KE3 EUPEC-FF800R17KE3 Datasheet
256Kb / 8P
    IGBT-inverter
FF400R12KE3 EUPEC-FF400R12KE3 Datasheet
287Kb / 8P
   IGBT-inverter
FS200R06KL4 EUPEC-FS200R06KL4 Datasheet
318Kb / 8P
   IGBT-inverter
FZ400R12KE3 EUPEC-FZ400R12KE3 Datasheet
285Kb / 8P
   IGBT-inverter
logo
Infineon Technologies A...
FP15R12KT3 INFINEON-FP15R12KT3 Datasheet
813Kb / 11P
   IGBT,Inverter
2.1 2013-10-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com