Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS15R06XL4 Datasheet(PDF) 1 Page - eupec GmbH

Part # FS15R06XL4
Description  IGBT-Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS15R06XL4 Datasheet(HTML) 1 Page - eupec GmbH

  FS15R06XL4 Datasheet HTML 1Page - eupec GmbH FS15R06XL4 Datasheet HTML 2Page - eupec GmbH FS15R06XL4 Datasheet HTML 3Page - eupec GmbH FS15R06XL4 Datasheet HTML 4Page - eupec GmbH FS15R06XL4 Datasheet HTML 5Page - eupec GmbH FS15R06XL4 Datasheet HTML 6Page - eupec GmbH FS15R06XL4 Datasheet HTML 7Page - eupec GmbH FS15R06XL4 Datasheet HTML 8Page - eupec GmbH FS15R06XL4 Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
vorläufige Daten
preliminary data
TC =75 °C
IC,nom.
15
A
TC =
25 °C
IC
20
A
min.
typ.
max.
-
1,95
2,55
V
-
2,20
-
V
date of publication:
2002-12-17
revision:
2.0
gate threshold voltage
Rückwirkungskapazität
reverse transfer capacitance
VCE= VGE, Tvj= 25°C, IC=
Eingangskapazität
input capacitance
f= 1MHz, Tvj= 25°C, VCE= 25V, VGE= 0V
nF
-
0,06
f= 1MHz, Tvj= 25°C, VCE= 25V, VGE= 0V
-
Cres
VCE =
VGE= -15V...+15V
QG
-
gate charge
Gateladung
prepared by: P. Kanschat
Kollektor Emitter Reststrom
approved: M. Hierholzer
collector emitter cut off current
V, VGE= 0V, Tvj= 25°C
600
VCE= 0V, VGE= 20V, Tvj= 25°C
VGES
repetitive peak forward current
VCEsat
Charakteristische Werte / characteristic values
Periodischer Spitzenstrom
VR= 0V, tp= 10ms, Tvj= 125°C
Isolations Prüfspannung
RMS, f= 50Hz, t= 1min
Transistor Wechselrichter / transistor inverter
kV
VCES
V
VISOL
V
A²s
W
I²t
2,5
Technische Information / technical information
FS15R06XL4
IGBT-Module
IGBT-Modules
Gate Emitter Spitzenspannung
Gate Schwellenspannung
gate emitter peak voltage
Dauergleichstrom
Kollektor Emitter Sättigungsspannung
DC forward current
insulation test voltage
I²t value
DC collector current
Höchstzulässige Werte / maximum rated values
Kollektor Emitter Sperrspannung
Kollektor Dauergleichstrom
collector emitter voltage
Elektrische Eigenschaften / electrical properties
Tvj = 25 °C
A
repetitive peak collector current
Periodischer Kollektor Spitzenstrom
Ptot
Tc= 25°C, Transistor
Gesamt Verlustleistung
total power dissipation
tp= 1ms, TC = 75 °C
tp= 1ms
IFRM
A
A
ICRM
6,5
Grenzlastintegral
34
IF
collector emitter saturation voltage
0,4
VGE= 15V, Tvj= 25°C, IC= IC,nom
VGE= 15V, Tvj= 125°C, IC= IC,nom
mA
4,5
-
V
nF
0,675
-
0,08
-
µC
5,5
-
-
nA
gate emitter leakage current
Gate Emitter Reststrom
IGES
-
400
VGE(th)
Cies
ICES
600
30
81
+20
15
30
-5
mA
1 (8)


Similar Part No. - FS15R06XL4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS15R06XE3 EUPEC-FS15R06XE3 Datasheet
308Kb / 8P
   IGBT-modules
More results

Similar Description - FS15R06XL4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com