Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4926 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4926
Description  Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4926 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4926 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4926 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AO4926
FET1 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
DYNAMIC PARAMETERS
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
50
100
150
200
Temperature (°C)
Figure 12: Diode Reverse Leakage Current vs.
Junction Temperature
VDS=12V
VDS=24V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
Temperature (°C)
Figure 13: Diode Forward voltage vs. Junction
Temperature
0
5
10
15
20
25
0
5
10
15
20
25
30
Is (A)
Figure 14: Diode Reverse Recovery Charge and
Peak Current vs. Conduction Current
0
2
4
6
8
di/dt=800A/us
0
3
6
9
12
15
0
5
10
15
20
25
30
Is (A)
Figure 15: Diode Reverse Recovery Time and Soft
Coefficient vs. Conduction Current
0
0.5
1
1.5
2
2.5
IS=1A
10A
20A
0
5
10
15
20
25
0
200
400
600
800
1000
di/dt (A)
Figure 16: Diode Reverse Recovery Charge and
Peak Current vs. di/dt
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
18
0
200
400
600
800
1000
di/dt (A)
Figure 17: Diode Reverse Recovery Time and Soft
Coefficient vs. di/dt
0
0.5
1
1.5
2
2.5
3
di/dt=800A/us
125ºC
125ºC
125ºC
125ºC
125ºC
125º
125ºC
125ºC
25ºC
25ºC
25ºC
25ºC
25ºC
25ºC
25ºC
25ºC
Is=20A
Is=20A
Qrr
Irm
trr
Qrr
Irm
trr
S
S
5A
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4926

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922 Datasheet
165Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4922 AOSMD-AO4922 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
262Kb / 9P
   Asymmetric Dual N-Channel MOSFET
More results

Similar Description - AO4926

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4F800 AOSMD-AO4F800 Datasheet
141Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4824 AOSMD-AO4824 Datasheet
134Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com