Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH1N220K04 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LQH1N220K04
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH1N220K04 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LQH1N220K04 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH1N220K04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
2
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
0603
LQG11A
1.2-100nH
0402
LQG10A
1.2-33nH
1206
LQN1A
8.8-100nH
LQN21A
3.3-470nH
LQP11A
1.3-33nH
LQP10A
1.0-33nH
0805
0603
0402
1206
0603
1206
1812
1210
0805
LQG21C
1.0-47
µH 7-60mA
LQH1N
0.15-100
µH
LQH3N
0.10-560
µH
LQH4N
1.0-2200
µH
LQG11N
47-2200nH
0805
1214
LQS33N
1.0-100
µH
LQG21N
0.1-4.7
µH
LQN1H
54-880nH
LQH1C
0.12-100
µH 80-970mA
LQH4C
1.0-470
µH 90-1080mA
LQH3C
0.15-560
µH 60-1450mA
0805
LQG21F
1.0-47
µH 7-220mA
1206
LQG3216F
10
µH 70mA
1812
1210
1206
LQS33C
560-2200
µH20-50mA
1212
LQN6C/LQS66C
0.12-10000
µH 0.05-6.0A
2220
2525
LQW1608A
2.2-220nH
0603
CHIP INDUCTOR SELECTION
Application
Operating
Frequency
Less than 50MHz
Choke
Impedance Matching
or
Resonance
Greater than
100MHz
30MHz
to
150MHz
Need
Magnetical
Shield
Start
Yes
No
Chip Inductor
for
Choke Use
Chip Inductor
for
General Frequency
Chip Inductor
for
Magnetical shield
Chip Inductor
for
Ultra High Frequency
Chip Inductor
for
High Frequency


Similar Part No. - LQH1N220K04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HNH100J03L MURATA1-LQH2HNH100J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH101J03L MURATA1-LQH2HNH101J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH120J03L MURATA1-LQH2HNH120J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH150J03L MURATA1-LQH2HNH150J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH180J03L MURATA1-LQH2HNH180J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
More results

Similar Description - LQH1N220K04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com