Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH1NR47K04 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH1NR47K04
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH1NR47K04 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH1NR47K04 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH1NR47K04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
Murata's LQ
- series of chip coils consists of compact, high-
performance inductors. Their innovative coil and case
structures mean low DC resistance and outstanding
!PRODUCTS GUIDE
high-frequency characteristics. The series is designed for a
variety of applications, facilitating component selection for
individual circuit requirements.
Please refer to the usage conditions;
¡Notice of Chip Coil .................................................P.42
YP.45
¡Dimensions of Taping.......................................................P.46
Please refer to the usage conditions;
¡Design Kit ...............................................................P.47
YP.50
¡Information of Chip Coil....................................................P.51
Application
General Frequency
Range
High-frequency
Range
Chokes
Part Number
LQH1N
LQH3N
LQH (N) 4N
LQG11N
LQG21N
LQS33N
1206
1210
1812
0603
0805
1214
0402
0603
0402
0603
0603
0805
1206
1206
1206
1210
1812
0805
0805
1206
2220
1212
2525
3
Y7
8
Y9
10
Y11
12
Y13
14
Y16
17
Y20
21
Y23
24
Y27
28
29
Y31
32
33
Y34
35
Y36
39
Y41
37
Y38
39
Y41
Wound coil
(ferrite core)
Magnetically shielded
multilayer
Magnetically shielded
Wound coil
(air core)
Multilayer
Thin film
Wound coil
(ferrite core)
Wound coil
Magnetically shielded
multilayer
Wound coil
Magnetically shielded
LQW1608A
LQN21A
LQN1A
LQN1H
LQG10A
LQG11A
LQP10A
LQP11A
Tight
inductance
tolerance
Tight
inductance
tolerance
Structure
Dimensions
Inductance Range (H)
Page
1n
10n
100n
10µ
100µ
1m
10m
(mm)
(inch)
LQH1C
LQH3C
LQH4C
LQG21C
LQG21F
LQG3216F
LQN6C
LQS33C
LQS66C
3.2
1.6
3.2
2.5
4.5
3.2
2.0
1.25
3.2
3.5
2.0
1.5
3.2
1.6
3.2
1.6
3.2
1.6
4.5
3.2
6.3
6.3
3.2
2.5
3.3
3.3
2.0
1.25
2.0
1.25
1.6
0.8
1.6
0.8
1.6
0.8
1.6
0.8
1.0
0.5
1.0
0.5
5.7
5.0
3.2
1.6


Similar Part No. - LQH1NR47K04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HNH100J03L MURATA1-LQH2HNH100J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH101J03L MURATA1-LQH2HNH101J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH120J03L MURATA1-LQH2HNH120J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH150J03L MURATA1-LQH2HNH150J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
LQH2HNH180J03L MURATA1-LQH2HNH180J03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
More results

Similar Description - LQH1NR47K04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com