Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2336EA/2K5 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336EA/2K5
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336EA/2K5 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2336EA/2K5 Datasheet HTML 4Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 5Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 6Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 7Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 8Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 9Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 10Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 11Page - Burr-Brown (TI) OPA2336EA/2K5 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
OPA336, 2336, 4336
8
SBOS068C
www.ti.com
accuracy. For example, with RL = 25kΩ, OPA336 series op
amps perform well with capacitive loads in excess of 1000pF,
as shown in Figure 4. Without RS, capacitive load drive is
typically 350pF for these conditions, as shown in Figure 5.
Resistive Load (k
Ω)
10
5
100
10k
1k
100
Operation Above Selected Gain
Curve Not Recommended
G = +1
R
L to Ground
G = +2
R
L to Ground
G = +1
R
L to VS/2
V
S = +5V, VO = VS/2
FIGURE 4. Small-Signal Step Response Using Series Re-
sistor to Improve Capacitive Load Drive.
Alternatively, the resistor may be connected in series with
the output outside of the feedback loop. However, if there is
a resistive load parallel to the capacitive load, it and the
series resistor create a voltage divider. This introduces a
Direct Current (DC) error at the output; however, this error
may be insignificant. For instance, with RL = 100kΩ and
RS = 100Ω, there is only about a 0.1% error at the output.
Figure 5 shows the recommended operating regions for the
OPA336. Decreasing the load resistance generally improves
capacitive load drive. Figure 5 also illustrates how stability
differs depending on where the resistive load is connected.
With G = +1 and RL = 10kΩ connected to VS/2, the OPA336
can typically drive 500pF. Connecting the same load to
ground improves capacitive load drive to 1000pF.
R
S = 100Ω, Load = 2kΩ || 1000pF, VS = +5V
50
µs/div
FIGURE 5. Stability—Capacitive Load vs Resistive Load.


Similar Part No. - OPA2336EA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336EA/2K5 BURR-BROWN-OPA2336EA/2K5 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA2336EA/2K5 TI1-OPA2336EA/2K5 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2336EA/2K5G4 TI1-OPA2336EA/2K5G4 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA2336EA/2K5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com